Electronic Components Datasheet Search
  English  ▼

X  

562R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 562R
Description  Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

562R Datasheet(HTML) 1 Page - Vishay Siliconix

  562R Datasheet HTML 1Page - Vishay Siliconix 562R Datasheet HTML 2Page - Vishay Siliconix 562R Datasheet HTML 3Page - Vishay Siliconix 562R Datasheet HTML 4Page - Vishay Siliconix 562R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
561R, 562R, 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
1
Document Number: 23110
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lower Voltage Ceramic DC Disc Capacitors
1000 VDC General Purpose
INSULATION RESISTANCE
Min. 1000
F or 20 000 M for 10 pF to 0.020 μF
Min. 15 000 M
 for 0.050 μF
Min. 5000 M
 for 0.10 μF
TOLERANCE ON CAPACITANCE
± 20 %
DISSIPATION FACTOR
2.5 % max. at 1 kHz; 1 V
CATEGORY TEMPERATURE RANGE
(-55 to +125) °C
C0G, U2J, X7R
(-25 to +85) °C
X5F, Y5U, Z5U
CLIMATIC CATEGORY ACC. TO EN 60068-1
55/125/21
C0G, U2J, X7R
25/085/21
X5F, Y5U, Z5U
OPERATING TEMPERATURE RANGE
-55 °C to +105 °C (1)
Note
(1) For explanation about the difference of operating temperature
range and temperature characteristic of capacitance, please see
www.vishay.com/doc?48299
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Complete range of capacitance values
• Radial leads
• Ceramic singlelayer capacitor
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Bypassing, coupling, and decoupling
•DC blocking
• Switching power supplies
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper or tinned copper clad steel having diameters of
0.020" (0.51 mm) or 0.025" (0.64 mm).
The capacitors may be supplied with radial kinked or
straight leads having lead spacing of 0.250" (6.35 mm) or
0.375" (9.5 mm).
The standard tolerance is ± 20 %.
Coating is made of resin coating or flammable resistant
epoxy resin in accordance with “UL 94 V-0”.
CAPACITANCE RANGE
10 pF to 0.1 μF
RATED VOLTAGE
1000 VDC
DIELECTRIC STRENGTH BETWEEN LEADS
Component test, 100 % test at production line:
2500 VDC, 2 s
CERAMIC DIELECTRIC
C0G, U2J (Class 1)
X5F, X7R, Y5U, Z5U (Class 2)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
C0G U2J X5F
X7R
Y5U
Z5U
Voltage (VDC)
1000
Min. Capacitance (pF)
10
33
100 1000 1000
1200
Max. Capacitance (pF)
10
33
500 1000 1000 100 000
Mounting
Radial


Similar Part No. - 562R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R VISHAY-562R Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
562R10TSD10 VISHAY-562R10TSD10 Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
562R10TSD10 VISHAY-562R10TSD10 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
562R10TSD15 VISHAY-562R10TSD15 Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
562R10TSD15 VISHAY-562R10TSD15 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
More results

Similar Description - 562R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
561R VISHAY-561R Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
85C General Purpose Ceramic Disc Capacitors
logo
Vishay Siliconix
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
General Purpose Disc Ceramic Capacitors
logo
Vishay Siliconix
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
12-Sep-13
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
07-Jan-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com