Electronic Components Datasheet Search
  English  ▼

X  

LPS120 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS120
Description  120 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS120 Datasheet(HTML) 1 Page - Astec America, Inc

  LPS120 Datasheet HTML 1Page - Astec America, Inc LPS120 Datasheet HTML 2Page - Astec America, Inc LPS120 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 5.09.06
LPS120 Series
1of 3
Embedded Power for
Business-Critical Continuity
LPS120 Series
120 Watts
Special Features
• Active power factor correction
• 3" x 5" footprint
• Less than 1U high
• EN61000-3-2 compliant
• Remote sense
• Power fail and remote inhibit
• Single wire current sharing
• Adjustable main output
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
• Thermal overload protection
• 5 V Standby output
and 12V Fan output
Total Power:
80 - 130 Watts
Input Voltage:
85 - 264 VAC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
85 - 264 VAC ; 127 - 300VDC
Frequency
47-440 Hz
Inrush current
40A max., cold start @ 25°C
Efficiency
80% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted; EN55022
Class B conducted; VDE0878PT3 Class B conducted
Power factor
0.99 typical
Safety ground
leakage current
0.5mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
80W for convection ; 130W with 30CFM forced air
Adjustment range
±5% minimum on the main outputs
Fan output
12V @ 500mA - 5%, +7%
Standby outputs
5V @ 500mA ±5%
Hold-up time
20ms @ 125W load, 120VAC input
Overload protection
Short circuit protection on all outputs. Case overload protect-
ed @ 120-135% above rating
Overvoltage protection 20-35% above nominal output
Remote sense
Compensates for 0.5 V lead drop max. Will operate without
remote sense connected. Reverse connection protected.
Logical Control
Power failure
TTL logic signal goes high 100-500 msec after main output; it
goes low at least 4 msec before loss of regulation
Remote inhibit
Requires a contact closure to disable the outputs, except 5V
standby.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.
TUV
60950
UL
60950
CSA
60950
NEMKO 60950
AUSTEL
60950
CB
Certificate and report
CE
Mark (LVD)
RoHS


Similar Part No. - LPS120

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS120 EMERSON-NETWORKPOWER-LPS120 Datasheet
227Kb / 3P
Active power factor correction
LPS120 EMERSON-NETWORKPOWER-LPS120 Datasheet
422Kb / 3P
120 Watts Active power factor correction
LPS120 EMERSON-NETWORKPOWER-LPS120_09 Datasheet
422Kb / 3P
120 Watts Active power factor correction
More results

Similar Description - LPS120

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
120 Watts
ADN5-24-3PM ASTEC-ADN5-24-3PM Datasheet
377Kb / 2P
120-960 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
120 Watts
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
70-120 Watts
logo
List of Unclassifed Man...
HY2004 ETC2-HY2004 Datasheet
61Kb / 2P
120 WATTS Power Amplifier
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
66/120 Watts
logo
Tumbler Technologies + ...
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
120 ~ 180 Watts Power Adapters
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVD100-48S05-6L ARTESYN-AVD100-48S05-6L Datasheet
497Kb / 3P
Total Power: 100 - 120 Watts
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
120 Watts Single Output Desktop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com