Electronic Components Datasheet Search
  English  ▼

X  

CMF2012H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMF2012H
Description  Common Mode SMD Filter for Signal Line
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMF2012H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMF2012H Datasheet HTML 1Page - List of Unclassifed Manufacturers CMF2012H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMF2012H Series
Common Mode SMD Filter for Signal Line
ELECTRICAL CHARACTERISTICS
Cut-off
Insulation
Frequency
Resistance
(GHz)Typ.
(MΩ)Min.
0.25
300
20
6
10
Characteristics(Impedance vs. Frequency)
CMF2012H3-900-2P-T
65min. (90typ.)
Rated
Voltage
Vdc(V)
Part Number
Impedance
Z(Ω) at 100MHz
DC
Resistance
Rdc(Ω)
Max.
Rated
Current
Idc(mA)
Max.
Our Product
Common-Mode
1
10
100
1000
10000
1
10
100
1000
10000
Frequency(MHz)
CMF2012H3-900-2P-T
Z (common mode)
Z(differential mode)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com