Electronic Components Datasheet Search
  English  ▼

X  

APTP1708T06 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # APTP1708T06
Description  SMD Type Photo Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

APTP1708T06 Datasheet(HTML) 3 Page - CT Micro International Corporation

  APTP1708T06 Datasheet HTML 1Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 2Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 3Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 4Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 5Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 6Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 7Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 8Page - CT Micro International Corporation APTP1708T06 Datasheet HTML 9Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
May, 2018
APTP1708T06
SMD Type Photo Transistor
Electrical and Optical Characteristics T
A = 25°C (unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICEO
Dark Current
VCE=10V, Ev=0 Lux
-
-
100
nA
VCE(sat)
Collector-Emitter
Saturation Voltage
Ev=1000Lux
IC=2mA
-
-
0.4
V
IPH1
Light Current
VCE=5V, Ev=100 Lux
5
15
-
uA
1
IPH2
VCE=5V, Ev=1000 Lux
50
150
-
uA
IPH3
VCE=5V, Ev=1000 Lux
140
520
-
uA
2
IPH3 / IPH2
Photocurrent Ratio
VCE=5V, Ev=1000 Lux
-
3.5
-
VO
Saturation Output Voltage
VCC=5V, Ev=1000 Lux
RL=75K
4.5
4.6
-
V
2
Spectral Bandwidth
-
390
-
700
nm
P
Peak Sensitivity
-
-
630
-
nm
tr
Rise time
VCC=5V, RL=75K
Ω
-
0.11
-
ms
tf
Fall time
-
0.22
-
ms
Notes:
1 : White Fluorescent light ( Color Temperature = 6500K ) is used as light source.
2 : Illuminance by CIE standard illuminant-A / 2856K, incandescent lamp.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com