Electronic Components Datasheet Search
  English  ▼

X  

LPS128 Datasheet(PDF) 3 Page - Astec America, Inc

Part # LPS128
Description  120 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS128 Datasheet(HTML) 3 Page - Astec America, Inc

  LPS128 Datasheet HTML 1Page - Astec America, Inc LPS128 Datasheet HTML 2Page - Astec America, Inc LPS128 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connector
LPS120
SK1
Pin1
Neutral
Pin3
Line
SK2
TB-1
COMMON
TB-2
Main output
SK3
Pin1
+V1 Remote sense
Pin2
-V1 Remote sense
Pin3
+Remote inhibit
Pin4
-Remote inhibit
Pin5
+Power fail
Pin6
Common
Pin7
SWP
Pin8
+12V
Pin9
12V common
Pin10
+5V standby
Mating Connectors
(SK1)AC Input:
Molex 09-50-8031 (connector) 08-52-0113 (pins)
(SK2)DC Output:
Molex series 19141-0058/0063 Spade lug
(SK3) Control Signals:
Molex 90142-0010 (USA)
PINS: 90119-2110 or
Amp: 87977-3
PINS: 87309-8
Astec Connector Kit # 70-841-020, includes all of the above.
Rev. 5.09.06
LPS120 Series
3of 3
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 300CFM
Forced Air
Peak Load Regulation2
Ripple
P/P
(PARD)3
LPS121
3.3V
0A
21A
36A
29A
±2%
50mV
LPS122
5V
0A
16A
26A
29A
±2%
50mV
LPS123
12V
0A
6.7A
10.8A
12.8A
±2%
120mV
LPS124
15V
0A
5.3A
8.7A
10.0A
±2%
150mV
LPS125
24V
0A
3.4A
5.4A
6.3A
±2%
240mV
LPS128
48V
0A
1.7A
2.7A
3.2A
±2%
480mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated
line voltage and load ranges.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. mounting holes MH1, MH2, MH3 should be grounded for
EMI purpose
4. Mounting MH1 is safety ground connection
5. Specifications are for convection rating at factory settings
at 115 VAC input 25 C deg unless otherwise stated.
6. This power supply requires mounting on metal standoffs
0.20” (5m) in height.
7. Warranty: 1 year
8. Weight: 0.71 lb. / 0.32 kg
Pin Assignments



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com