Electronic Components Datasheet Search
  English  ▼

X  

LPS250 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS250
Description  250 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS250 Datasheet(HTML) 2 Page - Astec America, Inc

  LPS250 Datasheet HTML 1Page - Astec America, Inc LPS250 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
125
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
5.0 (127.0)
2.0
(50.8)
1.18 (30.0)
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK3
SK1
12345678
3 2 1
SK5
+ve -ve
Terminal
Block TB1
SK4
FAN
#6-32 UNC (8 places)
5.46
(138.6)
8.52
(216.4)
M3 (4 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
3.0
(76.2)
.55
(14)
1.30
(33.0)
Optional
(-CF)
Cover
with Fan
Optional
(-CEF)
Cover
with fans
10.32
(262.0)
SK7
FAN
AC Inlet
10.0
10.0
10.0
.24 (6.1)
6-32 (2 places)
Main Output
6-32 (3 places)
Output
Voltage
Adjust
Model
Output
Minimum
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
30 CFM Forced Air
Load1
P/P (PARD)3
LPS252-C
5 V (3-6 V)
1.50 A
50 A
60 A
±2%
50 mV
LPS253-C
12 V (6-12 V)
0.63 A
21 A
25 A
±2%
120 mV
LPS254-C
15 V (12-24 V)
0.50 A
16.7 A
20 A
±2%
150 mV
LPS255-C
24 V ( 24-48 V)
0.32 A
10.4 A
12.5 A
±2%
240 mV
Notes:
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through
the length of the power supply. Not convection rated.
5. Output voltage adjustment requires a minimum load.
6. Remote inhibit resets OVP latch
Note: -CF suffix added to the model number indicates cover with top fan.
-CEF suffix added to the model number indicates cover with dual end mounted fan cover and AC inlet.
C
Co
on
nn
ne
ecctto
orr
S
SK
K1
1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
S
SK
K3
3
PIN 1
+ Remote sense
PIN 2
- Remote sense
PIN 3
Remote inhibit (N.O)
PIN 4
Remote inhibit (N.C)
PIN 5
Common
PIN 6
Current sharing
PIN 7
Power Fail
PIN 8
DC Power Good
S
SK
K4
4
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
S
SK
K5
5
PIN 1
+ Supervisory output supply (5 V @ 100 mA)
PIN 2
- Supervisory output supply (5 V @ 100 mA)
S
SK
K7
7
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
M
Maattiinngg CCoonnnneeccttoorrss
S
SK
K3
3
Molex 22-01-1084
PINS:08-70-0057
S
SK
K4
4
Molex 22-01-3027
PINS: 08-50-0114
S
SK
K5
5
Molex 22-01-3027
PINS: 08-50-0114
S
SK
K7
7
Molex 22-01-3027
PINS: 08-50-0114
Astec Connector Kit #70-841-005, includes all the above.
Pin Assignments
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Specifications are at factory settings.
4. To enable normally closed remote inhibit, cut
jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 1 year
7. Weight: 2.6 lb / 1.19 kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com