Electronic Components Datasheet Search
  English  ▼

X  

PDP93016BP24 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # PDP93016BP24
Description  SMD Type Photodiode with Daylight Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

PDP93016BP24 Datasheet(HTML) 3 Page - CT Micro International Corporation

  PDP93016BP24 Datasheet HTML 1Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 2Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 3Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 4Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 5Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 6Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 7Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 8Page - CT Micro International Corporation PDP93016BP24 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CT Micro
Rev 0.1(Preliminary)
Proprietary & Confidential
Page 3
Jan, 2017
PDP93016BP24
SMD Type Photodiode with Daylight Filter
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tr
Rise Time
VR = 10V, RL = 10kΩ
-
500
-
ns
2
tf
Fall Time
-
500
-
Notes:
1 : Soldering time≦5 seconds.
2 : Test circuit :



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com