Electronic Components Datasheet Search
  English  ▼

X  

ESP32-S2 Datasheet(PDF) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S2
Description  SoC with Xtensa® SingleCore 32bit LX7 Microprocessor Supporting IEEE 802.11b/g/n (2.4 GHz WiFi)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S2 Datasheet(HTML) 49 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S2 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 48Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 49Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 50Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
Revision History
Revision History
Date
Version
Release notes
2022.09
v1.4
• Updated Figure Block Diagram of ESP32-S2 to show power modes;
• Added CoreMark score in Features;
• Added a note about external crystal clock in Section 3.2.1 CPU Clock;
• Added Table Mapping of SPI Signal Buses and Chip Pins;
• Added Section 3.4.11 DMA Controller;
• Added the clock of ULP coprocessor in Section 3.6.2 Ultra-Low-Power
Co-processor;
• Added note 3 to Table Recommended Operating Conditions;
• Updated Section 4.6 Current Consumption Characteristics;
• Replaced ”chip family” with ”chip series” following Espressif’s taxonomy;
• Updated Section ”Learning Resources” and renamed to ”Related Doc-
umentation and Resources”;
• Other updates to wording.
2021.06
v1.3
• Added chip variant ESP32-S2R2;
• Updated Table 16 Reliability Qualifications;
• Added the link to recommended PCB land pattern in Chapter 5 Package
Information;
• Added Chapter 6 Related Documentation and Resources;
• Other minor updates.
2021.02
v1.2
• Added chip variant ESP32-S2FN4R2;
• Added information about TWAI® Controller;
• Updated operating temperature to ambient temperature in Table 1
ESP32-S2 Series Comparison;
• Updated Table 13 Current Consumption Depending on RF Modes;
• Updated current consumption drawn by ULP-FSM and ULP-RISC-V
respectively in Table 4.6.2 Current Consumption in Other Modes.
2020.09
v1.1
• Added chip variant ESP32-S2FH2￿ESP32-S2FH4;
• Added Chapter 1 ESP32-S2 Series Comparison.
Espressif Systems
49
Submit Documentation Feedback
ESP32-S2 Series Datasheet v1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com