Electronic Components Datasheet Search
  English  ▼

X  

ESP32-C3 Datasheet(PDF) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
4
Electrical Characteristics
Table 32 – cont’d from previous page
Parameter
Description
Min
Typ
Max
Unit
Image frequency
—
—
–40
—
dB
Adjacent channel to image frequency
F = Fimage + 1 MHz
—
–50
—
dB
F = Fimage – 1 MHz
—
–37
—
dB
Table 33: Receiver Characteristics ­ Bluetooth LE 500 Kbps
Parameter
Description
Min
Typ
Max
Unit
Sensitivity @30.8% PER
—
—
–100
—
dBm
Maximum received signal @30.8% PER
—
—
5
—
dBm
Co-channel C/I
—
—
3
—
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
—
–2
—
dB
F = F0 – 1 MHz
—
–3
—
dB
F = F0 + 2 MHz
—
–32
—
dB
F = F0 – 2 MHz
—
–33
—
dB
F = F0 + 3 MHz
—
–23
—
dB
F = F0 – 3 MHz
—
–40
—
dB
F
≥ F0 + 4 MHz
—
–34
—
dB
F
≤ F0 – 4 MHz
—
–44
—
dB
Image frequency
—
—
–34
—
dB
Adjacent channel to image frequency
F = Fimage + 1 MHz
—
–46
—
dB
F = Fimage – 1 MHz
—
–23
—
dB
Espressif Systems
39
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com