Electronic Components Datasheet Search
  English  ▼

X  

LPT50 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPT50
Description  50 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPT50 Datasheet(HTML) 2 Page - Astec America, Inc

  LPT50 Datasheet HTML 1Page - Astec America, Inc LPT50 Datasheet HTML 2Page - Astec America, Inc LPT50 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 05.03.06
LPT50 Series
2of 3
Embedded Power for
Business-Critical Continuity
P
Piin
n A
Assssiig
gn
nm
me
en
nttss
C
Co
on
nn
ne
ecctto
orr LLP
PT
T5
51
1
LLP
PT
T5
52
2
LLP
PT
T5
53
3
LLP
PT
T5
54
4
SK1-1
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
SK2-1
+3.3 V
+5 V
+5V
+5V
SK2- 2
+2.3 V
+5 V
+5V
+5V
SK2- 3
Common
Common Common Common
SK2-4
Common
Common Common Common
SK2-5
12V
-12V
-15V
+12V
SK2-6
5V
+12V
+15V
+24
M
Ma
attiin
ng
g C
Co
on
nn
ne
ecctto
orrss
A
AC
C IIn
np
pu
utt::
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-52-0113
D
DC
C O
Ou
uttp
pu
uttss::
Molex 09-50-8061 (USA)
09-91-0600 (UK)
PINS: 08-52-0113
Astec Connector Kit #70-841-006, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02" (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115
VAC input, 25°C unless otherwise stated.
6. Warranty: 1 year
7. Weight: 0.45lbs/0.20kg
O
Orrd
de
erriin
ng
g IIn
nffo
orrm
ma
attiio
on
n
M
Mo
od
de
ell N
Nu
um
mb
be
err
O
Ou
uttp
pu
utt
V
Vo
olltta
ag
ge
e
M
Miin
niim
mu
um
m
LLo
oa
ad
d
M
Ma
axxiim
mu
um
m LLo
oa
ad
d
w
wiitth
h C
Co
on
nvve
eccttiio
on
n
C
Co
oo
olliin
ng
g
P
Pe
ea
ak
k LLo
oa
ad
d 1
1 RReegguullaattiioonn 22 RRiippppllee PP//PP ((PPAARRD
D))3
3
LPT51
+3.3V
+5V
+12V
0.8A
0.1A
0A
8A
3A
0.5A
9A
4A
1A
±2%
±6%
±5%
50 mV
50mV
120mV
LPT52
+5V
+12V
-12V
0.5A
0.1A
0A
8A
3A
0.5A
9A
4A
1.0A
±2%
±5%
±5%
50 mV
120mV
120mV
LPT53
+5V
+15V
-15V
0.5A
0.1A
0A
8A
2.4A
0.5A
9A
3.2A
0.7A
±2%
±5%
±5%
50 mV
150mV
150mV
LPT54
+5V
+24V
+12V
0.5A
0.1A
0A
8A
1.5A
0.5A
9A
2A
0.7A
±2%
±7%
±5%
50 mV
240mV
120mV
1. Peak current lasting <15 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line
voltage and load ranges.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com