Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5912 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
7.3.3 Reverse Current Protection (IRO)
The LP5912-EP input is protected against reverse current when the output voltage is higher than the input
voltage. In the event that extra output capacitance is used at the output, a power-down transient at the input
normally causes a large reverse current through a conventional regulator. The LP5912-EP includes a reverse
voltage detector that trips when VIN drops below VOUT, shutting off the regulator and opening the p-channel
metal-oxide-semiconductor field effect transistor (PMOS) body diode connection, preventing any reverse current
from the OUT pin from flowing to the IN pin.
If the LP5912-EP EN pin is low (the LP5912-EP is off) and the OUT pin is held high by a secondary supply,
current flows from the secondary supply through the automatic discharge pulldown resistor to ground. This
scenario is not reverse current, but is instead automatic discharge pulldown current.
Reverse current (IRO) is measured at the IN pin.
7.3.4 Internal Current Limit (ISC)
The internal current limit circuit protects the LDO against high-load current faults or shorting events. The LDO
is not designed to operate continuously at the ISC current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when load impedance decreases. If a current limit occurs
and the resulting output voltage is low, excessive power may be dissipated across the LDO, resulting in a
thermal shutdown of the output.
7.3.5 Thermal Overload Protection (TSD)
Thermal shutdown disables the output when the junction temperature rises to approximately 160°C, which
allows the device to cool. When the junction temperature cools to approximately 145°C, the output circuitry
enables. Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit
may cycle on and off. This thermal cycling limits the dissipation of the regulator, thus protecting the regulator
from damage as a result of overheating.
7.3.6 Power-Good Output (PG)
The LP5912-EP has a power-good function that works by toggling the state of the PG output pin. When
the output voltage falls below the PG threshold voltage (PGLTH), the PG pin open-drain output engages (low
impedance to GND). When the output voltage rises above the PG threshold voltage (PGVHTH), the PG pin
becomes high impedance. By connecting a pullup resistor to an external supply, any downstream device can
receive PG as a logic signal. Make sure that the external pullup supply voltage results in a valid logic signal for
the receiving device or devices. Use a pullup resistor from 10 kΩ to 100 kΩ for best results.
The input supply, VIN, must be no less than the minimum operating voltage of 1.6 V to ensure that the PG pin
output status is valid. The PG pin output status is undefined when VIN is less than 1.6 V.
In the power-good function, the PG output pin being pulled high is typically delayed 140 µs after the output
voltage rises above the PGHTH threshold voltage. If the output voltage rises above the PGHTH threshold and then
falls below the PGLTH threshold voltage, the PG pin falls immediately with no delay time.
If the PG function is not needed, the pullup resistor can be eliminated, and the PG pin can be either connected to
ground or left floating.
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com