Electronic Components Datasheet Search
  English  ▼

X  

IP2703 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP2703
Description  TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2703 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP2703 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2703 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IP2721
V1.02
http://www.injoinic.com/
1 / 7
Copyright © 2017, Injoinic Corp.
TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
1. Features
Support TYPEC/PD2.0/PD3.0 UFP mode for USB
TYPEC input port
Auto-detect USB connection condition
Integrate USB Power Delivery (PD2.0/PD3.0)
protocol
Integrate hardware bi-phase Mark Coding
(BMC) over CC
Integrate physical layer
Hardware CRC protect data integrity
Integrate PD2.0/PD3.0 protocol UFP engine
Support hardreset
Integrate USB TYPEC protocol
Power management
VBUSG control the power rail by the external
NMOS, depending on CC negotiation state
IP2721: SEL configure the maximum PD
request voltage as 20V, 15V or 5V
IP2721_MAX12: SEL configure the maximum
PD request voltage as 12V, 9V or 5V
Support VBUS soft start
Working voltage: 3V~25V
Package: TSSOP16
2. Description
IP2721 is a USB TYPEC/PC2.0/PD3.0 physical
layer protocol IC for USB TYPEC input port, support
auto-detect USB port connection through CC1 and
CC2. Integrate hardware PD protocol, analyze PD
protocol to get source capabilities and request
appropriate voltage accordingly.
3. Typical Applications
USB TYPEC input port for Power Banka, cell
phone, wireless charging dock, VR box and UAV
etc.
4. Typical Application Schematic
CC1
CC2
GND
VIN
SEL
VBUSG
3V~20V
10uF
VBUS
IP2721
Current
NMOS
USB C
Connector
GND
GND
VBUS
CC1
CC2
VBUS
1uF
Load
SEL
Voltage
(IP2721)
High
20V
Float
15V
GND
5V
5.1kOhm
5.1kOhm
2
1
16
11
12
13
5
Voltage
(IP2721_MAX12)
12V
9V
5V


Similar Part No. - IP2703

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2703 INJOINIC-IP2703 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results

Similar Description - IP2703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2004 TI-TNETE2004 Datasheet
723Kb / 46P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
ATMEL Corporation
AT78C5081 ATMEL-AT78C5081 Datasheet
129Kb / 3P
Serial ATA Physical Layer
logo
Texas Instruments
TNETE2008 TI1-TNETE2008 Datasheet
489Kb / 33P
OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES
TNETE2004 TI1-TNETE2004_09 Datasheet
752Kb / 47P
MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
logo
Injoinic Technology Co....
IP2712 INJOINIC-IP2712 Datasheet
1Mb / 20P
Integrated USB TYPE -C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
IP2716 INJOINIC-IP2716 Datasheet
1Mb / 23P
Integrated USB TYPE-C PD2.0/ PD3.0, QC3.0/2.0/MTK High Voltage Fast Charge Protocol Power Management SOC
logo
Power Integrations, Inc...
CHY103 POWERINT-CHY103 Datasheet
1Mb / 16P
Charger Interface Physical Layer IC with Complete System Level Protection
CHY100 POWERINT-CHY100 Datasheet
691Kb / 8P
Charger Interface Physical Layer IC
August 2016
CHY101 POWERINT-CHY101 Datasheet
688Kb / 10P
Charger Interface Physical Layer IC with Output Overvoltage Protection
August 2016
logo
Injoinic Technology Co....
IP2726 INJOINIC-IP2726 Datasheet
837Kb / 11P
integrated Multi-protocol, fast charging protocol IC for USB C port TypeC PD2.0/PD3.0/PPS, QC 4 /QC 44, FCP, SCP, AFC, MTK PE 2.0/1.1, Apple, BC1.2
V1.1 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com