Electronic Components Datasheet Search
  English  ▼

X  

1289 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 1289
Description  250 (6.4) PC QUICK-FIT MALE TABS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

1289 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  1289 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.250 (6.4) PC QUICK-FIT MALE TABS
53
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
.250 (6.4) TAB
.250 (6.4) TAB
.250 (6.4) TAB
CAT. NO.
MATERIAL
MTG. HOLES
1266
.032 (.80) Brass, Tin Plate .052 (1.3) Dia.
.350 [8.9]
.250 [6.4]
.200 [5.1]
.056 [1.42]
.051 [1.30]
.312 [7.9]
.150 [3.8]
.590 [15.0]
.070 [1.80]
DIA.
.178 [4.5]
.789 [20.1]
.312 [7.9]
.250 [6.4]
.178 [4.5]
.350 [8.9]
.150 [3.8]
.045 [1.14]
.050 [1.27]
.200 [5.1]
.070 [1.80] DIA.
.580 [14.8]
.985 [25.0]
.437
[11.1]
.280 [7.1]
.250 [6.4]
.178 [4.5]
.110 [2.8]
.093 [2.4]
.312 [7.9]
.106 [2.7]
.040 [1.00]
DIA.
.070 [1.80] DIA.
CAT. NO.
MATERIAL
MTG. HOLES
4966
.032 (.80) Brass, Tin Plate
.056 (1.4) Dia.
DUAL .110 (2.8)/.250 (6.4) TAB
.250 (6.4) TAB
.250 (6.4) TAB
.250 (6.4) TAB
.250 (6.4) TAB
CAT. NO.
MATERIAL
MTG. HOLES
1287
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1287-ST .032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
.250 (6.4) TAB
.250 (6.4) TAB
STURDI-MOUNT
STURDI-MOUNT
STURDI-MOUNT
STURDI-MOUNT
STURDI-MOUNT
.250 (6.4) TAB
.250 (6.4) TAB
.156
[4.0]
.138 [3.5]
.335
[8.5]
.172
[4.4]
.060 [1.52]
.312
[7.9]
.537
[13.7]
CAT NO.
4901
.250
[6.4]
.379 [9.7]
CAT NO.
4914
.070 [1.80] DIA.
.187
[4.8]
A
.610
[15.5]
.273 [7.0]
.438
[11.2]
.156 [4.0]
.250 [6.4]
.070 [1.80]
DIA.
.187 [4.8]
.060 [1.52]
.138 [3.5]
.150 [3.8]
.050 [1.27]
.070 [1.80] DIA.
.250 [6.4]
.091 [2.3]
.312 [7.9]
.200 [5.1]
.178 [4.5]
.045 [1.14]
L
/
.710
[18.1]
.470
[12.0]
.120
[3.1]
REF.
.050 [1.27]
.045 [1.14]
.200 [5.1]
.150 [3.8]
.312 [7.9]
.178 [4.5]
.250 [6.4]
.070 [1.80] DIA.
CAT. NO.
MATERIAL
MTG. HOLES
1282
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
4902
.032 (.80) Brass, Tin Plate
.067 (1.7) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1289-ST .032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
.200 [5.1]
.045 [1.14]
.070 [1.80] DIA.
.371
[9.4]
.552
[14.0]
.312
[7.9]
.250 [6.4]
.178 [4.5]
.050 [1.27]
.150 [3.8]
.312 [7.9]
.120
[3.1]
REF.
.552
[14.0]
.050 [1.27]
.045 [1.14]
.200 [5.1]
.312 [7.9]
.150 [3.8]
.178 [4.5]
.250 [6.4]
.070 [1.80] DIA.
.312
[7.9]
.250 [6.4]
.110 [2.8]
.280
[7.1]
.552
[14.0]
.371
[9.4]
.048 [1.20] DIA.
.312 [7.9]
.062 [1.57]
.178 [4.5]
.150 [3.8]
.200 [5.1]
.045 [1.14]
.050 [1.27]
.312 [7.9]
.312 [7.9]
.150 [3.8]
.312 [7.9]
.125 [3.2]
.200 [5.1]
.045 [1.14]
.050 [1.27]
.178 [4.5]
.070 [1.80] DIA.
.250 [6.4]
.515
[13.1]
1.220
[31.0]
.06
2 [1
.6]
DIA
.
.25
0 [6
.4]
.430 [10.9]
.125 [3.2]
.200 [5.1]
A
.040 [1.02](3)
.17
8 [4
.5]
.200
[5.1]
.312
[7.9]
.31
2 [7
.9]
.280 [7.1]
CAT. NO. ANGLE A
MTG. HOLES
4910
0°
4908
30°
.052 (1.3) Dia.
4912
60°
CAT. NO. ANGLE A
MTG. HOLES
4901
0°
4914*
90°
.067 (1.7) Dia.
MATERIAL: .032 (.80) Brass, Matte Tin Plate
MATERIAL: .032 (.80) Brass, Matte Tin Plate
MATERIAL: .032 (.80) Brass, Matte Tin Plate
CAT. NO.
“L”
MTG. HOLES
1289
.540 (13.7)
1292
.710 (18.0)
.067 (1.7) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1265*
.032 (.80) Brass, Tin Plate
.106 (2.7) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1281
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
* Not UL Recognized
M60Section3FREV1A4COLOR_11-2011 4/6/13 3:01PM Page53


Similar Part No. - 1289

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
FILTER
logo
Weidmuller
1289000000 WEIDMULLER-1289000000 Datasheet
582Kb / 6P
BUL 10.16HP/02/180 4.5AG BK BX SO
1289010000 WEIDMULLER-1289010000 Datasheet
603Kb / 6P
BUL 10.16HP/04/180 4.5AG BK BX SO
logo
Coherent Corp
1289028 COHERENT-1289028 Datasheet
2Mb / 20P
StingRay and BioRay
logo
Weidmuller
1289180000 WEIDMULLER-1289180000 Datasheet
112Kb / 2P
KEBI-KTBI MF S2 SET
More results

Similar Description - 1289

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
logo
List of Unclassifed Man...
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
logo
Schurter Inc.
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
n Optional quick connect tabs for sensing
logo
Keystone Electronics Co...
3528 KEYSTONE-3528 Datasheet
196Kb / 1P
.250 x .032 PC QUICK-FIT TERMINAL
7.21.91
3578 KEYSTONE-3578 Datasheet
88Kb / 1P
.187 x .020 PC QUICK-FIT TERMINAL
4.15.09
4966 KEYSTONE-4966 Datasheet
188Kb / 1P
PC QUICK-FIT TERMINAL
12.29.94
7833 KEYSTONE-7833 Datasheet
102Kb / 1P
.250 [6.35] PC QUICK-FIT HEADER
7.25.95
logo
Schurter Inc.
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
logo
Keystone Electronics Co...
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
PC QUICK-FIT HEADER
REV, D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com