Electronic Components Datasheet Search
  English  ▼

X  

RT8249C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8249C
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8249C Datasheet HTML 15Page - Richtek Technology Corporation RT8249C Datasheet HTML 16Page - Richtek Technology Corporation RT8249C Datasheet HTML 17Page - Richtek Technology Corporation RT8249C Datasheet HTML 18Page - Richtek Technology Corporation RT8249C Datasheet HTML 19Page - Richtek Technology Corporation RT8249C Datasheet HTML 20Page - Richtek Technology Corporation RT8249C Datasheet HTML 21Page - Richtek Technology Corporation RT8249C Datasheet HTML 22Page - Richtek Technology Corporation RT8249C Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RT8249A/B/C
21
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 6. RT8249B Timing
Output Inductor Selection
The switching frequency (on-time) and operating point
(% ripple or LIR) determine the inductor value as shown
below :
ON
IN
OUTx
LOAD(MAX)
t(V
V
)
L
LIR I

where LIR is the ratio of the peak-to-peak ripple current to
the average inductor current.
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choice, although powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough not to saturate at the peak inductor
current, IPEAK :
IPEAK = ILOAD(MAX) + [ (LIR / 2) x ILOAD(MAX) ]
The calculation above shall serve as a general reference.
To further improve transient response, the output
inductance can be further reduced. Of course, besides
the inductor, the output capacitor should also be
considered when improving transient response.
Output Voltage Setting (FBx)
Connect a resistive voltage divider at the FBx pin between
VOUTx and GND to adjust the output voltage between 2V
and 5.5V (Figure 7). The recommended R2 is between
100k
Ω to 200kΩ, VOUT (vally) and solve for R1 using the
equation below :
OUT(Valley)
FBx
R1
VV
1 +
R2






where VFBx is 2V (typ.).
Figure 7. Setting VOUTx with a resistive voltage divider
UGATEx
PHASEx
LGATEx
FBx
GND
R1
R2
VOUTx
VIN
VIN
LDO3
EN1
LDO5
5V VOUT
EN2
3.3V VOUT
PGOOD
VIN POR threshold
EN threshold
EN threshold
PGOOD
Delay
2.5V
Soft-Start Time
Soft-Start Time
Start-Up Time
Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com