Electronic Components Datasheet Search
  English  ▼

X  

MN13801-RTA Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # MN13801-RTA
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13801-RTA Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button MN13801-RTA Datasheet HTML 5Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 6Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 7Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 8Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 9Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 10Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 11Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 12Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Microcomputer Peripheral LSIs
MN1380 Series
Description for Measuring the I/O Characteristics
Notes
1: Output cannot be specified for power supply voltages under 1.5 V because operation is not guaranteed for that range.
2: VDL: Detection voltage for drop in power supply voltage
VDH: Detection voltage for rise in power supply voltage
3: These characteristics for the N-channel open drain output are when a load resistor is connected between the OUT and VDD pins.
Figure 4. Description chart for Measuring the I/O Characteristics
CMOS output, N-channel
open drain output
MN1380/1381/1382
MN13801/13811/13821
Inverted CMOS output
MN13802/13812/13822
VOUT
VOUT
0
0
1.5V
VDD
VDL
VDH
0
0
1.5V
VDD
VDL
VDH
Operation indeterminate
Operation
indeterminate
∆VD
∆VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com