Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 204 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 204 Page - Microchip Technology

Back Button DO20 Datasheet HTML 200Page - Microchip Technology DO20 Datasheet HTML 201Page - Microchip Technology DO20 Datasheet HTML 202Page - Microchip Technology DO20 Datasheet HTML 203Page - Microchip Technology DO20 Datasheet HTML 204Page - Microchip Technology DO20 Datasheet HTML 205Page - Microchip Technology DO20 Datasheet HTML 206Page - Microchip Technology DO20 Datasheet HTML 207Page - Microchip Technology DO20 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 204
 2016-2018 Microchip Technology Inc.
17.4
SPI Control Registers
REGISTER 17-1:
SPIxCON1L: SPIx CONTROL REGISTER 1 LOW
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SPIEN
—
SPISIDL
DISSDO
MODE32(1,4) MODE16(1,4)
SMP
CKE(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SSEN(2)
CKP
MSTEN
DISSDI
DISSCK
MCLKEN(3)
SPIFE
ENHBUF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
SPIEN: SPIx On bit
1 = Enables module
0 = Turns off and resets module, disables clocks, disables interrupt event generation, allows SFR
modifications
bit 14
Unimplemented: Read as ‘0’
bit 13
SPISIDL: SPIx Stop in Idle Mode bit
1 = Halts in CPU Idle mode
0 = Continues to operate in CPU Idle mode
bit 12
DISSDO: Disable SDOx Output Port bit
1 = SDOx pin is not used by the module; pin is controlled by the port function
0 = SDOx pin is controlled by the module
bit 11-10
MODE<32,16>: Serial Word Length bits(1,4)
AUDEN = 0:
MODE32
MODE16
COMMUNICATION
FIFO DEPTH
1x
32-Bit
8
01
16-Bit
16
00
8-Bit
32
AUDEN = 1:
MODE32
MODE16
COMMUNICATION
11
24-Bit Data, 32-Bit FIFO, 32-Bit Channel/64-Bit Frame
10
32-Bit Data, 32-Bit FIFO, 32-Bit Channel/64-Bit Frame
01
16-Bit Data, 16-Bit FIFO, 32-Bit Channel/64-Bit Frame
00
16-Bit Data, 16-Bit FIFO, 16-Bit Channel/32-Bit Frame
bit 9
SMP: SPIx Data Input Sample Phase bit
Master Mode:
1 = Input data is sampled at the end of data output time
0 = Input data is sampled at the middle of data output time
Slave Mode:
Input data is always sampled at the middle of data output time, regardless of the SMP setting.
Note 1:
When AUDEN = 1, this module functions as if CKE = 0, regardless of its actual value.
2:
When FRMEN = 1, SSEN is not used.
3:
MCLKEN can only be written when the SPIEN bit = 0.
4: This channel is not meaningful for DSP/PCM mode as LRC follows the FRMSYPW bit.
5:
The MCLK source is the REFO clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com