Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 75 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 75 Page - Microchip Technology

Back Button DO20 Datasheet HTML 71Page - Microchip Technology DO20 Datasheet HTML 72Page - Microchip Technology DO20 Datasheet HTML 73Page - Microchip Technology DO20 Datasheet HTML 74Page - Microchip Technology DO20 Datasheet HTML 75Page - Microchip Technology DO20 Datasheet HTML 76Page - Microchip Technology DO20 Datasheet HTML 77Page - Microchip Technology DO20 Datasheet HTML 78Page - Microchip Technology DO20 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 75
PIC24FJ256GA705 FAMILY
EXAMPLE 6-1:
ERASING A PROGRAM MEMORY BLOCK (‘C’ LANGUAGE CODE)
// C example using MPLAB XC16
unsigned
long progAddr = 0xXXXXXX;
// Address of row to write
unsigned
int
offset;
//Set up pointer to the first memory location to be written
NVMADRU = progAddr>>16;
// Initialize PM Page Boundary SFR
NVMADR
= progAddr & 0xFFFF;
// Initialize lower word of address
NVMCON
= 0x4003;
// Initialize NVMCON
asm("DISI #5");
// Block all interrupts with priority <7
// for next 5 instructions
__builtin_write_NVM();
// check function to perform unlock
// sequence and set WR
TABLE 6-2:
CODE MEMORY PROGRAMMING EXAMPLE: ROW WRITES
Step 1: Set the NVMCON register to program 128 instruction words.
MOV
#0x4002, W0
MOV
W0, NVMCON
Step 2: Initialize the TBLPAG register for writing to the latches.
MOV
#0xFA, W12
MOV
W12, TBLPAG
Step 3: Load W0:W5 with the next four instruction words to program.
MOV
#<LSW0>, W0
MOV
#<MSB1:MSB0>, W1
MOV
#<LSW1>, W2
MOV
#<LSW2>, W3
MOV
#<MSB3:MSB2>, W4
MOV
#<LSW3>, W5
Step 4: Set the Read Pointer (W6) and load the (next set of) write latches.
CLR
W6
CLR
W7
TBLWTL
[W6++], [W7]
TBLWTH.B [W6++], [W7++]
TBLWTH.B [W6++], [++W7]
TBLWTL
[W6++], [W7++]
TBLWTL
[W6++], [W7]
TBLWTH.B [W6++], [W7++]
TBLWTH.B [W6++], [++W7]
TBLWTL
[W6++], [W7++]
Step 5: Repeat Steps 4 and 5, for a total of 32 times, to load the write latches with 128 instructions.
Step 6: Set the NVMADRU/NVMADR register pair to point to the correct address.
MOV
#DestinationAddress<15:0>, W3
MOV
#DestinationAddress<23:16>, W4
MOV
W3, NVMADR
MOV
W4, NVMADRU
Step 7: Execute the WR bit unlock sequence and initiate the write cycle.
MOV
#0x55, W0
MOV
W0, NVMKEY
MOV
#0xAA, W0
MOV
W0, NVMKEY
BSET
NVMCON, #WR
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com