Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 261 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 261 Page - Microchip Technology

Back Button DO20 Datasheet HTML 257Page - Microchip Technology DO20 Datasheet HTML 258Page - Microchip Technology DO20 Datasheet HTML 259Page - Microchip Technology DO20 Datasheet HTML 260Page - Microchip Technology DO20 Datasheet HTML 261Page - Microchip Technology DO20 Datasheet HTML 262Page - Microchip Technology DO20 Datasheet HTML 263Page - Microchip Technology DO20 Datasheet HTML 264Page - Microchip Technology DO20 Datasheet HTML 265Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 261
PIC24FJ256GA705 FAMILY
REGISTER 21-9:
DATEL: RTCC DATE REGISTER (LOW)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DAYTEN1
DAYTEN0
DAYONE3
DAYONE2
DAYONE1
DAYONE0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
—
—
—
—
—
WDAY2
WDAY1
WDAY0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13-12
DAYTEN<1:0>: Binary Coded Decimal Value of Days ‘10’ Digit bits
Contains a value from 0 to 3.
bit 11-8
DAYONE<3:0>: Binary Coded Decimal Value of Days ‘1’ Digit bits
Contains a value from 0 to 9.
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
WDAY<2:0>: Binary Coded Decimal Value of Weekdays ‘1’ Digit bits
Contains a value from 0 to 6.
REGISTER 21-10: DATEH: RTCC DATE REGISTER (HIGH)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
R/W-x
R/W-x
R/W-x
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
bit 15
bit 8
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
MTHTEN
MTHONE3
MTHONE2
MTHONE1
MTHONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
YRTEN<3:0>: Binary Coded Decimal Value of Years ‘10’ Digit bits
bit 11-8
YRONE<3:0>: Binary Coded Decimal Value of Years ‘1’ Digit bits
bit 7-5
Unimplemented: Read as ‘0’
bit 4
MTHTEN: Binary Coded Decimal Value of Months ‘10’ Digit bit
Contains a value from 0 to 1.
bit 3-0
MTHONE<3:0>: Binary Coded Decimal Value of Months ‘1’ Digit bits
Contains a value from 0 to 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com