Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 282 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 282 Page - Microchip Technology

Back Button DO20 Datasheet HTML 278Page - Microchip Technology DO20 Datasheet HTML 279Page - Microchip Technology DO20 Datasheet HTML 280Page - Microchip Technology DO20 Datasheet HTML 281Page - Microchip Technology DO20 Datasheet HTML 282Page - Microchip Technology DO20 Datasheet HTML 283Page - Microchip Technology DO20 Datasheet HTML 284Page - Microchip Technology DO20 Datasheet HTML 285Page - Microchip Technology DO20 Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 282
 2016-2018 Microchip Technology Inc.
REGISTER 23-3:
CLCxSEL: CLCx INPUT MUX SELECT REGISTER
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
—DS4<2:0>
—DS3<2:0>
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
—DS2<2:0>
—DS1<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
DS4<2:0>: Data Selection MUX 4 Signal Selection bits
111 = MCCP3 Compare Event Interrupt Flag (CCP3IF)
110 = MCCP1 Compare Event Interrupt Flag (CCP1IF)
101 = Unimplemented
100 = CTMU A/D trigger
011 = SPIx Input (SDIx) corresponding to the CLCx module (see Table 23-1)
010 = Comparator 3 output
001 = Module-specific CLCx output (see Table 23-1)
000 = CLCINB I/O pin
bit 11
Unimplemented: Read as ‘0’
bit 10-8
DS3<2:0>: Data Selection MUX 3 Signal Selection bits
111 = MCCP3 Compare Event Interrupt Flag (CCP3IF)
110 = MCCP2 Compare Event Interrupt Flag (CCP2IF)
101 = DMA Channel 1 interrupt
100 = UARTx RX output corresponding to the CLCx module (see Table 23-1)
011 = SPIx Output (SDOx) corresponding to the CLCx module (see Table 23-1)
010 = Comparator 2 output
001 = CLCx output (see Table 23-1)
000 = CLCINA I/O pin
bit 7
Unimplemented: Read as ‘0’
bit 6-4
DS2<2:0>: Data Selection MUX 2 Signal Selection bits
111 = MCCP2 Compare Event Interrupt Flag (CCP2IF)
110 = MCCP1 Compare Event Interrupt Flag (CCP1IF)
101 = DMA Channel 0 interrupt
100 = A/D conversion done interrupt
011 = UARTx TX input corresponding to the CLCx module (see Table 23-1)
010 = Comparator 1 output
001 = CLCx output (see Table 23-1)
000 = CLCINB I/O pin
bit 3
Unimplemented: Read as ‘0’
bit 2-0
DS1<2:0>: Data Selection MUX 1 Signal Selection bits
111 = Timer3 match event
110 = Timer2 match event
101 = Unimplemented
100 = REFO output
011 = INTRC/LPRC clock source
010 = SOSC clock source
001 = System clock (TCY)
000 = CLCINA I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com