Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 300 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 300 Page - Microchip Technology

Back Button DO20 Datasheet HTML 296Page - Microchip Technology DO20 Datasheet HTML 297Page - Microchip Technology DO20 Datasheet HTML 298Page - Microchip Technology DO20 Datasheet HTML 299Page - Microchip Technology DO20 Datasheet HTML 300Page - Microchip Technology DO20 Datasheet HTML 301Page - Microchip Technology DO20 Datasheet HTML 302Page - Microchip Technology DO20 Datasheet HTML 303Page - Microchip Technology DO20 Datasheet HTML 304Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 300
 2016-2018 Microchip Technology Inc.
REGISTER 24-6:
AD1CHS: A/D SAMPLE SELECT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NB2
CH0NB1
CH0NB0
CH0SB4
CH0SB3
CH0SB2
CH0SB1
CH0SB0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NA2
CH0NA1
CH0NA0
CH0SA4
CH0SA3
CH0SA2
CH0SA1
CH0SA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
CH0NB<2:0>: Sample B Channel 0 Negative Input Select bits
1xx = Unimplemented
01x = Unimplemented
001 = Unimplemented
000 = AVSS
bit 12-8
CH0SB<4:0>: Sample B Channel 0 Positive Input Select bits
11110 = AVDD(1)
11101 = AVSS(1)
11100 = Band Gap Reference (VBG)(1)
10000-11011 = Reserved
01111 = No external channels connected (used for CTMU)
01110 = No external channels connected (used for CTMU temperature sensor)
01101 = AN13
01100 = AN12
01011 = AN11
01010 = AN10
01001 = AN9
01000 = AN8
00111 = AN7
00110 = AN6
00101 = AN5
00100 = AN4
00011 = AN3
00010 = AN2
00001 = AN1
00000 = AN0
bit 7-5
CH0NA<2:0>: Sample A Channel 0 Negative Input Select bits
Same definitions as for CHONB<2:0>.
bit 4-0
CH0SA<4:0>: Sample A Channel 0 Positive Input Select bits
Same definitions as for CHOSB<4:0>.
Note 1:
These input channels do not have corresponding memory-mapped result buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com