Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 315 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 315 Page - Microchip Technology

Back Button DO20 Datasheet HTML 311Page - Microchip Technology DO20 Datasheet HTML 312Page - Microchip Technology DO20 Datasheet HTML 313Page - Microchip Technology DO20 Datasheet HTML 314Page - Microchip Technology DO20 Datasheet HTML 315Page - Microchip Technology DO20 Datasheet HTML 316Page - Microchip Technology DO20 Datasheet HTML 317Page - Microchip Technology DO20 Datasheet HTML 318Page - Microchip Technology DO20 Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 315
PIC24FJ256GA705 FAMILY
26.0 COMPARATOR VOLTAGE
REFERENCE
26.1
Configuring the Comparator
Voltage Reference
The voltage reference module is controlled through the
CVRCON register (Register 26-1). The comparator
voltage reference provides two ranges of output
voltage, each with 16 distinct levels. The primary differ-
ence between the ranges is the size of the steps
selected
by
the
CVREF
Value
Selection
bits
(CVR<4:0>), with one range offering finer resolution.
The comparator reference supply voltage can come
from either VDD and VSS, or the external VREF+ and
VREF-. The voltage source is selected by the CVRSS
bit (CVRCON<5>).
The settling time of the comparator voltage reference
must be considered when changing the CVREF output.
FIGURE 26-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“dsPIC33/PIC24 Family Reference Man-
ual”,
“Dual
Comparator
Module”
(DS39710), which is available from the
Microchip website (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
CVR<4:0>
R
CVREN
CVRSS = 0
AVDD
CVREF+
CVRSS = 1
CVRSS = 0
CVREF-
CVRSS = 1
R
R
R
R
R
R
32 Steps
CVREF
AVSS
CVROE
CVREF
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com