Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 324 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 324 Page - Microchip Technology

Back Button DO20 Datasheet HTML 320Page - Microchip Technology DO20 Datasheet HTML 321Page - Microchip Technology DO20 Datasheet HTML 322Page - Microchip Technology DO20 Datasheet HTML 323Page - Microchip Technology DO20 Datasheet HTML 324Page - Microchip Technology DO20 Datasheet HTML 325Page - Microchip Technology DO20 Datasheet HTML 326Page - Microchip Technology DO20 Datasheet HTML 327Page - Microchip Technology DO20 Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 324
 2016-2018 Microchip Technology Inc.
bit 5-2
EDG2SEL<3:0>: Edge 2 Source Select bits
1111 = CMP C3OUT
1110 = CMP C2OUT
1101 = CMP C1OUT
1100 = Peripheral clock
1011 = IC3 interrupt
1010 = IC2 interrupt
1001 = IC1 interrupt
1000 = CTED13 pin
0111 = CTED12 pin
0110 = CTED11 pin
0101 = CTED10 pin
0100 = CTED9 pin
0011 = CTED1 pin
0010 = CTED2 pin
0001 = OC1
0000 = Timer1 match
bit 1
Unimplemented: Read as ‘0’
bit 0
IRNGH: High-Current Range Select bit
1 = Uses the higher current ranges (550 µA-2.2 mA)
0 = Uses the lower current ranges (550 nA-50 µA)
Current output is set by the IRNG<1:0> bits in the CTMUCON1L register.
REGISTER 27-2:
CTMUCON1H: CTMU CONTROL REGISTER 1 HIGH (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com