Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 333 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 333 Page - Microchip Technology

Back Button DO20 Datasheet HTML 329Page - Microchip Technology DO20 Datasheet HTML 330Page - Microchip Technology DO20 Datasheet HTML 331Page - Microchip Technology DO20 Datasheet HTML 332Page - Microchip Technology DO20 Datasheet HTML 333Page - Microchip Technology DO20 Datasheet HTML 334Page - Microchip Technology DO20 Datasheet HTML 335Page - Microchip Technology DO20 Datasheet HTML 336Page - Microchip Technology DO20 Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 333
PIC24FJ256GA705 FAMILY
REGISTER 29-4:
FOSCSEL CONFIGURATION REGISTER
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
U-1
U-1
U-1
U-1
U-1
U-1
r-0
r-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
IESO
PLLMODE3
PLLMODE2
PLLMODE1
PLLMODE0
FNOSC2
FNOSC1
FNOSC0
bit 7
bit 0
Legend:
PO = Program Once bit
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-10
Unimplemented: Read as ‘1’
bit 9-8
Reserved: Maintain as ‘0’
bit 7
IESO: Two-Speed Oscillator Start-up Enable bit
1 = Starts up the device with FRC, then automatically switches to the user-selected oscillator when
ready
0 = Starts up the device with the user-selected oscillator source
bit 6-3
PLLMODE<3:0>: Frequency Multiplier Select bits
1111 = No PLL is used (PLLEN bit is unavailable)
1110 = 8x PLL is selected
1101 = 6x PLL is selected
1100 = 4x PLL is selected
0111 = 96 MHz PLL is selected (Input Frequency = 48 MHz)
0110 = 96 MHz PLL is selected (Input Frequency = 32 MHz)
0101 = 96 MHz PLL is selected (Input Frequency = 24 MHz)
0100 = 96 MHz PLL is selected (Input Frequency = 20 MHz)
0011 = 96 MHz PLL is selected (Input Frequency = 16 MHz)
0010 = 96 MHz PLL is selected (Input Frequency = 12 MHz)
0001 = 96 MHz PLL is selected (Input Frequency = 8 MHz)
0000 = 96 MHz PLL is selected (Input Frequency = 4 MHz)
bit 2-0
FNOSC<2:0>: Oscillator Selection bits
111 = Oscillator with Frequency Divider (OSCFDIV)
110 = Reserved
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator with PLL (XTPLL, HSPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator with PLL (FRCPLL)
000 = Fast RC Oscillator (FRC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com