Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 351 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 351 Page - Microchip Technology

Back Button DO20 Datasheet HTML 347Page - Microchip Technology DO20 Datasheet HTML 348Page - Microchip Technology DO20 Datasheet HTML 349Page - Microchip Technology DO20 Datasheet HTML 350Page - Microchip Technology DO20 Datasheet HTML 351Page - Microchip Technology DO20 Datasheet HTML 352Page - Microchip Technology DO20 Datasheet HTML 353Page - Microchip Technology DO20 Datasheet HTML 354Page - Microchip Technology DO20 Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 351
PIC24FJ256GA705 FAMILY
TABLE 31-2:
INSTRUCTION SET OVERVIEW
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected
ADD
ADD
f
f = f + WREG
1
1
C, DC, N, OV, Z
ADD
f,WREG
WREG = f + WREG
1
1
C, DC, N, OV, Z
ADD
#lit10,Wn
Wd = lit10 + Wd
1
1
C, DC, N, OV, Z
ADD
Wb,Ws,Wd
Wd = Wb + Ws
1
1
C, DC, N, OV, Z
ADD
Wb,#lit5,Wd
Wd = Wb + lit5
1
1
C, DC, N, OV, Z
ADDC
ADDC
f
f = f + WREG + (C)
1
1
C, DC, N, OV, Z
ADDC
f,WREG
WREG = f + WREG + (C)
1
1
C, DC, N, OV, Z
ADDC
#lit10,Wn
Wd = lit10 + Wd + (C)
1
1
C, DC, N, OV, Z
ADDC
Wb,Ws,Wd
Wd = Wb + Ws + (C)
1
1
C, DC, N, OV, Z
ADDC
Wb,#lit5,Wd
Wd = Wb + lit5 + (C)
1
1
C, DC, N, OV, Z
AND
AND
f
f = f .AND. WREG
1
1
N, Z
AND
f,WREG
WREG = f .AND. WREG
1
1
N, Z
AND
#lit10,Wn
Wd = lit10 .AND. Wd
1
1
N, Z
AND
Wb,Ws,Wd
Wd = Wb .AND. Ws
1
1
N, Z
AND
Wb,#lit5,Wd
Wd = Wb .AND. lit5
1
1
N, Z
ASR
ASR
f
f = Arithmetic Right Shift f
1
1
C, N, OV, Z
ASR
f,WREG
WREG = Arithmetic Right Shift f
1
1
C, N, OV, Z
ASR
Ws,Wd
Wd = Arithmetic Right Shift Ws
1
1
C, N, OV, Z
ASR
Wb,Wns,Wnd
Wnd = Arithmetic Right Shift Wb by Wns
1
1
N, Z
ASR
Wb,#lit5,Wnd
Wnd = Arithmetic Right Shift Wb by lit5
1
1
N, Z
BCLR
BCLR
f,#bit4
Bit Clear f
1
1
None
BCLR
Ws,#bit4
Bit Clear Ws
1
1
None
BRA
BRA
C,Expr
Branch if Carry
1
1 (2)
None
BRA
GE,Expr
Branch if Greater Than or Equal
1
1 (2)
None
BRA
GEU,Expr
Branch if Unsigned Greater Than or Equal
1
1 (2)
None
BRA
GT,Expr
Branch if Greater Than
1
1 (2)
None
BRA
GTU,Expr
Branch if Unsigned Greater Than
1
1 (2)
None
BRA
LE,Expr
Branch if Less Than or Equal
1
1 (2)
None
BRA
LEU,Expr
Branch if Unsigned Less Than or Equal
1
1 (2)
None
BRA
LT,Expr
Branch if Less Than
1
1 (2)
None
BRA
LTU,Expr
Branch if Unsigned Less Than
1
1 (2)
None
BRA
N,Expr
Branch if Negative
1
1 (2)
None
BRA
NC,Expr
Branch if Not Carry
1
1 (2)
None
BRA
NN,Expr
Branch if Not Negative
1
1 (2)
None
BRA
NOV,Expr
Branch if Not Overflow
1
1 (2)
None
BRA
NZ,Expr
Branch if Not Zero
1
1 (2)
None
BRA
OV,Expr
Branch if Overflow
1
1 (2)
None
BRA
Expr
Branch Unconditionally
1
2
None
BRA
Z,Expr
Branch if Zero
1
1 (2)
None
BRA
Wn
Computed Branch
1
2
None
BSET
BSET
f,#bit4
Bit Set f
1
1
None
BSET
Ws,#bit4
Bit Set Ws
1
1
None
BSW
BSW.C
Ws,Wb
Write C Bit to Ws<Wb>
1
1
None
BSW.Z
Ws,Wb
Write Z Bit to Ws<Wb>
1
1
None
BTG
BTG
f,#bit4
Bit Toggle f
1
1
None
BTG
Ws,#bit4
Bit Toggle Ws
1
1
None
BTSC
BTSC
f,#bit4
Bit Test f, Skip if Clear
1
1
(2 or 3)
None
BTSC
Ws,#bit4
Bit Test Ws, Skip if Clear
1
1
(2 or 3)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com