Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 370 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 370 Page - Microchip Technology

Back Button DO20 Datasheet HTML 366Page - Microchip Technology DO20 Datasheet HTML 367Page - Microchip Technology DO20 Datasheet HTML 368Page - Microchip Technology DO20 Datasheet HTML 369Page - Microchip Technology DO20 Datasheet HTML 370Page - Microchip Technology DO20 Datasheet HTML 371Page - Microchip Technology DO20 Datasheet HTML 372Page - Microchip Technology DO20 Datasheet HTML 373Page - Microchip Technology DO20 Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 370
 2016-2018 Microchip Technology Inc.
TABLE 32-13: COMPARATOR DC SPECIFICATIONS
TABLE 32-14: COMPARATOR VOLTAGE REFERENCE DC SPECIFICATIONS
Operating Conditions: 2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage
—
12
50
mV
(Note 1)
D301
VICM
Input Common-Mode Voltage
0
—
VDD
V
(Note 1)
D302
CMRR
Common-Mode Rejection Ratio
55
—
—
dB
(Note 1)
D306
IQCMP
AVDD Quiescent Current per Comparator
—
27
—
µA
Comparator is enabled
D307
TRESP
Response Time
—
300
—
ns
(Note 2)
D308
TMC2OV Comparator Mode Change to Valid Output
—
—
10
µs
D309
IDD
Operating Supply Current
—
30
—
µA
AVDD = 3.3V
Note 1:
Parameters are characterized but not tested.
2:
Measured with one input at VDD/2 and the other transitioning from VSS to VDD, 40 mV step, 15 mV overdrive.
Operating Conditions: 2.0V < VDD < 3.6V, -40°C < TA < +85°C (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Comments
VR310
TSET
Settling Time
—
—
10
µs
(Note 1)
VRD311 CVRAA
Absolute Accuracy
-100
—
+100
mV
VRD312 CVRUR
Unit Resistor Value (R)
—
4.5
—
k
Note 1:
Measures the interval while CVR<4:0> transitions from ‘11111’ to ‘00000’.
TABLE 32-15: CTMU CURRENT SOURCE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1) Max
Units
Comments
Conditions
DCT10 IOUT1
CTMU Current Source,
Base Range
—
550
—
nA
CTMUCON1L<1:0> = 00(2)
2.5V < VDD < VDDMAX
DCT11 IOUT2
CTMU Current Source,
10x Range
—
5.5
—
µA
CTMUCON1L<1:0> = 01
DCT12 IOUT3
CTMU Current Source,
100x Range
—
55
—
µA
CTMUCON1L<1:0> = 10
DCT13 IOUT4
CTMU Current Source,
1000x Range
—
550
—
µA
CTMUCON1L<1:0> = 11(2),
CTMUCON1H<0> = 0
DCT14 IOUT5
CTMU Current Source,
High Range
—
2.2
—
mA
CTMUCON1L<1:0> = 01,
CTMUCON1H<0> = 1
DCT21 VDELTA1 Temperature Diode
Voltage Change per
Degree Celsius
—
-1.8
—
mV/°C Current = 5.5 µA
DCT22 VDELTA2 Temperature Diode
Voltage Change per
Degree Celsius
—
-1.55
—
mV/°C Current = 55 µA
DCT23 VD1
Forward Voltage
—
710
—
mV
At 0ºC, 5.5 µA
DCT24 VD2
Forward Voltage
—
760
—
mV
At 0ºC, 55 µA
Note 1:
Nominal value at center point of current trim range (CTMUCON1L<7:2> = 000000).
2:
Do not use this current range with the internal temperature sensing diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com