Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 375 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 375 Page - Microchip Technology

Back Button DO20 Datasheet HTML 371Page - Microchip Technology DO20 Datasheet HTML 372Page - Microchip Technology DO20 Datasheet HTML 373Page - Microchip Technology DO20 Datasheet HTML 374Page - Microchip Technology DO20 Datasheet HTML 375Page - Microchip Technology DO20 Datasheet HTML 376Page - Microchip Technology DO20 Datasheet HTML 377Page - Microchip Technology DO20 Datasheet HTML 378Page - Microchip Technology DO20 Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 375
PIC24FJ256GA705 FAMILY
TABLE 32-23: RESET AND BROWN-OUT RESET REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
SY10 TMCL
MCLR Pulse Width (Low)
2
—
—
µs
SY12 TPOR
Power-on Reset Delay
—
2
—
µs
SY13 TIOZ
I/O High-Impedance from
MCLR Low or Watchdog
Timer Reset
Lesser of:
(3 TCY + 2)
or 700
—(3 TCY + 2)
µs
SY25 TBOR
Brown-out Reset Pulse
Width
1—
—
µs
VDD
VBOR
SY45 TRST
Internal State Reset Time
—
50
—
µs
SY71 TPM
Program Memory
Wake-up Time
—
20
—
µs
Sleep wake-up with
VREGS = 1
—
1
—
µs
Sleep wake-up with
VREGS = 0
SY72 TLVR
Low-Voltage Regulator
Wake-up Time
—
90
—
µs
Sleep wake-up with
VREGS = 1
—
70
—
µs
Sleep wake-up with
VREGS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com