Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 401 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 401 Page - Microchip Technology

Back Button DO20 Datasheet HTML 397Page - Microchip Technology DO20 Datasheet HTML 398Page - Microchip Technology DO20 Datasheet HTML 399Page - Microchip Technology DO20 Datasheet HTML 400Page - Microchip Technology DO20 Datasheet HTML 401Page - Microchip Technology DO20 Datasheet HTML 402Page - Microchip Technology DO20 Datasheet HTML 403Page - Microchip Technology DO20 Datasheet HTML 404Page - Microchip Technology DO20 Datasheet HTML 405Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 401
PIC24FJ256GA705 FAMILY
Microchip Technology Drawing C04-300-PT Rev A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP]
H
L
(L1)
c
SECTION A-A
2.
1.
4.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
3.
protrusions shall not exceed 0.25mm per side.
Mold Draft Angle Bottom
Molded Package Thickness
Dimension Limits
Mold Draft Angle Top
Notes:
Foot Length
Lead Width
Lead Thickness
Molded Package Length
Molded Package Width
Overall Length
Overall Width
Foot Angle
Footprint
Standoff
Overall Height
Lead Pitch
Number of Leads
12°
11°
13°
0.75
0.60
0.45
L
12°
0.22
7.00 BSC
7.00 BSC
9.00 BSC
9.00 BSC
3.5°
1.00 REF
c
b
D1
E1
0.09
0.17
11°
D
E
L1
0°
13°
0.27
0.16
-
7°
1.00
0.50 BSC
48
NOM
MILLIMETERS
A1
A2
A
e
0.05
0.95
-
Units
N
MIN
1.05
0.15
1.20
-
-
MAX
Chamfers at corners are optional; size may vary.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or
5.
plastic body at datum plane H
Datums A-B and D to be determined at center line between leads where leads exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com