Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 413 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 413 Page - Microchip Technology

Back Button DO20 Datasheet HTML 408Page - Microchip Technology DO20 Datasheet HTML 409Page - Microchip Technology DO20 Datasheet HTML 410Page - Microchip Technology DO20 Datasheet HTML 411Page - Microchip Technology DO20 Datasheet HTML 412Page - Microchip Technology DO20 Datasheet HTML 413Page - Microchip Technology DO20 Datasheet HTML 414Page - Microchip Technology DO20 Datasheet HTML 415Page - Microchip Technology DO20 Datasheet HTML 416Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 413 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 413
PIC24FJ256GA705 FAMILY
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture
24
= 16-Bit Modified Harvard without DSP
Flash Memory Family FJ
= Flash Program Memory
Pin Count
02
= 28-pin (QFN, UQFN, SOIC, SSOP, SPDIP)
04
= 44-pin (TQFP)
05
= 48-pin (UQFN, TQFP)
Temperature Range
I
= -40
C to +85C (Industrial)
E= -40
C to +125C (Extended)
Package
ML = 28-Lead (6x6 mm) QFN (Plastic Quad Flat)
MV = 28-Lead (4x4x0.6 mm) UQFN (Ultra Thin Quad Flatpack)
SO = 28-Lead (7.50 mm) SOIC (Plastic Small Outline)
SS = 28-Lead (5.30 mm) SSOP (Plastic Shrink Small Outline)
SP = 28-Lead (300 mil) SPDIP (Skinny Plastic Dual In-Line)
PT = 44-lead (10x10x1 mm) TQFP (Thin Quad Flatpack)
M4 = 48-Lead (6X6 mm) UQFN (Plastic Quad Flat)
PT = 48-Lead (7x7x1 mm) TQFP (Thin Quad Flatpack)
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES = Engineering Sample
Examples:
a)
PIC24FJ256GA705-I/PT:
PIC24F General Purpose Device, 48-Pin,
Industrial Temp., TQFP Package.
b)
PIC24FJ256GA702-E/ML:
PIC24F General Purpose Device, 28-Pin,
Extended Temp., QFN Package
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (Kbytes)
Product Group
Pin Count
Temperature Range
Package
Pattern
PIC 24 FJ 256 GA7 05 T - I / PT - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com