Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 102 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 102 Page - Microchip Technology

Back Button DO20 Datasheet HTML 98Page - Microchip Technology DO20 Datasheet HTML 99Page - Microchip Technology DO20 Datasheet HTML 100Page - Microchip Technology DO20 Datasheet HTML 101Page - Microchip Technology DO20 Datasheet HTML 102Page - Microchip Technology DO20 Datasheet HTML 103Page - Microchip Technology DO20 Datasheet HTML 104Page - Microchip Technology DO20 Datasheet HTML 105Page - Microchip Technology DO20 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 102
 2016-2018 Microchip Technology Inc.
REGISTER 9-2:
CLKDIV: CLOCK DIVIDER REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
ROI
DOZE2
DOZE1
DOZE0
DOZEN(1)
RCDIV2
RCDIV1
RCDIV0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
CPDIV1
CPDIV0
PLLEN
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROI: Recover on Interrupt bit
1 = Interrupts clear the DOZEN bit and reset the CPU peripheral clock ratio to 1:1
0 = Interrupts have no effect on the DOZEN bit
bit 14-12
DOZE<2:0>: CPU Peripheral Clock Ratio Select bits
111 = 1:128
110 = 1:64
101 = 1:32
100 = 1:16
011 = 1:8 (default)
010 = 1:4
001 = 1:2
000 = 1:1
bit 11
DOZEN: Doze Enable bit(1)
1 = DOZE<2:0> bits specify the CPU peripheral clock ratio
0 = CPU peripheral clock ratio is set to 1:1
bit 10-8
RCDIV<2:0>: System Frequency Divider Clock Source Select bits
111 = Reserved; do not use
110 = Reserved
101 = Low-Power RC Oscillator (LPRC)
100 = Secondary Oscillator (SOSC)
011 = Primary Oscillator (XT, HS, EC) with PLL module (XTPLL, HSPLL, ECPLL)
010 = Primary Oscillator (XT, HS, EC)
001 = Fast RC Oscillator (FRC) with PLL module (FRCPLL)
000 = Fast RC Oscillator (FRC)
bit 7-6
CPDIV<1:0>: System Clock Select bits (postscaler select from PLL, 32 MHz clock branch)
11 = 4 MHz (divide-by-8)
10 = 8 MHz (divide-by-4)
01 = 16 MHz (divide-by-2)
00 = 32 MHz (divide-by-1)
bit 5
PLLEN: PLL Enable bit
1 = PLL is always active
0 = PLL is only active when a PLL Oscillator mode is selected (OSCCON<14:12> = 011 or 001)
bit 4-0
Unimplemented: Read as ‘0’
Note 1:
This bit is automatically cleared when the ROI bit is set and an interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com