Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 115 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 115 Page - Microchip Technology

Back Button DO20 Datasheet HTML 111Page - Microchip Technology DO20 Datasheet HTML 112Page - Microchip Technology DO20 Datasheet HTML 113Page - Microchip Technology DO20 Datasheet HTML 114Page - Microchip Technology DO20 Datasheet HTML 115Page - Microchip Technology DO20 Datasheet HTML 116Page - Microchip Technology DO20 Datasheet HTML 117Page - Microchip Technology DO20 Datasheet HTML 118Page - Microchip Technology DO20 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 115
PIC24FJ256GA705 FAMILY
10.3
Doze Mode
Generally, changing clock speed and invoking one of
the power-saving modes are the preferred strategies
for reducing power consumption. There may be
circumstances, however, where this is not practical. For
example, it may be necessary for an application to
maintain uninterrupted synchronous communication,
even while it is doing nothing else. Reducing system
clock speed may introduce communication errors,
while using a power-saving mode may stop
communications completely.
Doze mode is a simple and effective alternative method
to reduce power consumption while the device is still
executing code. In this mode, the system clock contin-
ues to operate from the same source and at the same
speed. Peripheral modules continue to be clocked at
the same speed while the CPU clock speed is reduced.
Synchronization between the two clock domains is
maintained, allowing the peripherals to access the
SFRs while the CPU executes code at a slower rate.
Doze mode is enabled by setting the DOZEN bit
(CLKDIV<11>). The ratio between peripheral and core
clock speed is determined by the DOZE<2:0> bits
(CLKDIV<14:12>).
There
are
eight
possible
configurations, from 1:1 to 1:256, with 1:1 being the
default.
It is also possible to use Doze mode to selectively
reduce power consumption in event driven applica-
tions. This allows clock-sensitive functions, such as
synchronous communications, to continue without
interruption while the CPU Idles, waiting for something
to invoke an interrupt routine. Enabling the automatic
return to full-speed CPU operation on interrupts is
enabled by setting the ROI bit (CLKDIV<15>). By
default, interrupt events have no effect on Doze mode
operation.
10.4
Selective Peripheral Module
Control
Idle and Doze modes allow users to substantially
reduce power consumption by slowing or stopping the
CPU clock. Even so, peripheral modules still remain
clocked, and thus, consume power. There may be
cases where the application needs what these modes
do not provide: the allocation of power resources to
CPU processing with minimal power consumption from
the peripherals.
PIC24F devices address this requirement by allowing
peripheral modules to be selectively disabled, reducing
or eliminating their power consumption. This can be
done with two control bits:
• The Peripheral Enable bit, generically named,
“XXXEN”, located in the module’s main control
SFR.
• The Peripheral Module Disable (PMD) bit,
generically named, “XXXMD”, located in one of
the PMD Control registers.
Both bits have similar functions in enabling or disabling
their associated module. Setting the PMD bit for a
module disables all clock sources to that module,
reducing its power consumption to an absolute mini-
mum. In this state, the control and status registers
associated with the peripheral will also be disabled, so
writes to those registers will have no effect and read
values will be invalid. Many peripheral modules have a
corresponding PMD bit.
In contrast, disabling a module by clearing its XXXEN
bit disables its functionality, but leaves its registers
available to be read and written to. This reduces power
consumption, but not by as much as setting the PMD
bit does. Most peripheral modules have an enable bit;
exceptions include input capture, output compare and
RTCC.
To achieve more selective power savings, peripheral
modules can also be selectively disabled when the
device enters Idle mode. This is done through the
control bit of the generic name format, “XXXIDL”. By
default, all modules that can operate during Idle mode
will do so. Using the disable on Idle feature allows
further reduction of power consumption during Idle
mode, enhancing power savings for extremely critical
power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com