Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 185 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 185 Page - Microchip Technology

Back Button D130 Datasheet HTML 181Page - Microchip Technology D130 Datasheet HTML 182Page - Microchip Technology D130 Datasheet HTML 183Page - Microchip Technology D130 Datasheet HTML 184Page - Microchip Technology D130 Datasheet HTML 185Page - Microchip Technology D130 Datasheet HTML 186Page - Microchip Technology D130 Datasheet HTML 187Page - Microchip Technology D130 Datasheet HTML 188Page - Microchip Technology D130 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 185
PIC24FJ256GA705 FAMILY
16.2
General Purpose Timer
Timer mode is selected when CCSEL = 0 and
MOD<3:0> = 0000. The timer can function as a 32-bit
timer or a dual 16-bit timer, depending on the setting of
the T32 bit (Table 16-1).
TABLE 16-1:
TIMER OPERATION MODE
Dual 16-Bit Timer mode provides a simple timer function
with two independent 16-bit timer/counters. The primary
timer uses the CCPxTMRL and CCPxPRL registers.
Only the primary timer can interact with other modules
on the device. It generates the MCCPx Sync out signals
for use by other MCCPx modules. It can also use the
SYNC<4:0> bits signal generated by other modules.
The secondary timer uses the CCPxTMRH and
CCPxPRH registers. It is intended to be used only as a
periodic interrupt source for scheduling CPU events. It
does not generate an output Sync/Trigger signal like the
primary time base. In Dual Timer mode, the Timer Period
High register, CCPxPRH, generates the MCCPx
compare event (CCPxIF) used by many other modules
on the device.
The 32-Bit Timer mode uses the CCPxTMRL and
CCPxTMRH registers, together, as a single 32-bit timer.
When CCPxTMRL overflows, CCPxTMRH increments
by one. This mode provides a simple timer function
when it is important to track long time periods. Note that
the T32 bit (CCPxCON1L<5>) should be set before the
CCPxTMRL or CCPxPRH registers are written to
initialize the 32-bit timer.
16.2.1
SYNC AND TRIGGER OPERATION
In both 16-bit and 32-bit modes, the timer can also
function in either Synchronization (“Sync”) or Trigger
mode operation. Both use the SYNC<4:0> bits
(CCPxCON1H<4:0>) to determine the input signal
source. The difference is how that signal affects the timer.
In Sync operation, the Timer Reset or clear occurs when
the input selected by SYNC<4:0> is asserted. The timer
immediately begins to count again from zero unless it is
held for some other reason. Sync operation is used when-
ever the TRIGEN bit (CCPxCON1H<7>) is cleared. The
SYNC<4:0> bits can have any value except ‘11111’.
In Trigger mode operation, the timer is held in Reset
until the input selected by SYNC<4:0> is asserted;
when it occurs, the timer starts counting. Trigger oper-
ation is used whenever the TRIGEN bit is set. In Trigger
mode, the timer will continue running after a trigger
event as long as the CCPTRIG bit (CCPxSTATL< 7>)
is set. To clear CCPTRIG, the TRCLR bit
(CCPxSTATL<5>) must be set to clear the trigger
event, reset the timer and hold it at zero until another
trigger event occurs. On PIC24FJ256GA705 family
devices, Trigger mode operation can only be used
when the system clock is the time base source
(CLKSEL<2:0> = 000).
FIGURE 16-3:
DUAL 16-BIT TIMER MODE
T32
(CCPxCON1L<5>)
Operating Mode
0
Dual Timer Mode (16-bit)
1
Timer Mode (32-bit)
Comparator
CCPxTMRL
CCPxPRL
CCPxRB
CCPxTMRH
CCPxPRH
Comparator
Clock
Sources
Set CCTxIF
Special Event Trigger
Set CCPxIF
SYNC<4:0>
Time Base
Generator
Sync/
Trigger
Control
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com