Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 188 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 188 Page - Microchip Technology

Back Button D130 Datasheet HTML 184Page - Microchip Technology D130 Datasheet HTML 185Page - Microchip Technology D130 Datasheet HTML 186Page - Microchip Technology D130 Datasheet HTML 187Page - Microchip Technology D130 Datasheet HTML 188Page - Microchip Technology D130 Datasheet HTML 189Page - Microchip Technology D130 Datasheet HTML 190Page - Microchip Technology D130 Datasheet HTML 191Page - Microchip Technology D130 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 188
 2016-2018 Microchip Technology Inc.
16.4
Input Capture Mode
Input Capture mode is used to capture a timer value
from an independent timer base upon an event on an
input pin or other internal Trigger source. The input
capture features are useful in applications requiring
frequency (time period) and pulse measurement.
Figure 16-6 depicts a simplified block diagram of the
Input Capture mode.
Input Capture mode uses a dedicated 16/32-bit, synchro-
nous, up counting timer for the capture function. The timer
value is written to the FIFO when a capture event occurs.
The internal value may be read (with a synchronization
delay) using the CCPxTMRH/L registers.
To use Input Capture mode, the CCSEL bit
(CCPxCON1L<4>) must be set. The T32 and
MOD<3:0> bits are used to select the proper Capture
mode, as shown in Table 16-3.
FIGURE 16-6:
INPUT CAPTURE x BLOCK DIAGRAM
TABLE 16-3:
INPUT CAPTURE MODES
MOD<3:0>
(CCPxCON1L<3:0>)
T32
(CCPxCON1L<5>)
Operating Mode
0000
0
Edge Detect (16-bit capture)
0000
1
Edge Detect (32-bit capture)
0001
0
Every Rising (16-bit capture)
0001
1
Every Rising (32-bit capture)
0010
0
Every Falling (16-bit capture)
0010
1
Every Falling (32-bit capture)
0011
0
Every Rise/Fall (16-bit capture)
0011
1
Every Rise/Fall (32-bit capture)
0100
0
Every 4th Rising (16-bit capture)
0100
1
Every 4th Rising (32-bit capture)
0101
0
Every 16th Rising (16-bit capture)
0101
1
Every 16th Rising (32-bit capture)
CCPxBUFx
4-Level FIFO Buffer
MOD<3:0>
Set CCPxIF
OPS<3:0>
Interrupt
Logic
System Bus
Event and
Trigger and
Sync Logic
Clock
Select
ICx Clock
Sources
Trigger and
Sync Sources
ICS<2:0>
16
16
16
CCPxTMRH/L
Increment
Reset
T32
Edge Detect Logic
and
Clock Synchronizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com