Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 225 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 225 Page - Microchip Technology

Back Button D130 Datasheet HTML 221Page - Microchip Technology D130 Datasheet HTML 222Page - Microchip Technology D130 Datasheet HTML 223Page - Microchip Technology D130 Datasheet HTML 224Page - Microchip Technology D130 Datasheet HTML 225Page - Microchip Technology D130 Datasheet HTML 226Page - Microchip Technology D130 Datasheet HTML 227Page - Microchip Technology D130 Datasheet HTML 228Page - Microchip Technology D130 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 225
PIC24FJ256GA705 FAMILY
bit 8
SMEN: SMBus Input Levels Enable bit
1 = Enables input logic so thresholds are compliant with the SMBus specification
0 = Disables SMBus-specific inputs
bit 7
GCEN: General Call Enable bit (I2C Slave mode only)
1 = Enables interrupt when a general call address is received in I2CxRSR; module is enabled for reception
0 = General call address is disabled
bit 6
STREN: SCLx Clock Stretch Enable bit
In I2C Slave mode only; used in conjunction with the SCLREL bit.
1 = Enables clock stretching
0 = Disables clock stretching
bit 5
ACKDT: Acknowledge Data bit
In I2C Master mode during Master Receive mode. The value that will be transmitted when the user
initiates an Acknowledge sequence at the end of a receive.
In I2C Slave mode when AHEN = 1 or DHEN = 1. The value that the slave will transmit when it initiates
an Acknowledge sequence at the end of an address or data reception.
1 = NACK is sent
0 = ACK is sent
bit 4
ACKEN: Acknowledge Sequence Enable bit
In I2C Master mode only; applicable during Master Receive mode.
1 = Initiates Acknowledge sequence on SDAx and SCLx pins, and transmits the ACKDT data bit
0 = Acknowledge sequence is Idle
bit 3
RCEN: Receive Enable bit (I2C Master mode only)
1 = Enables Receive mode for I2C; automatically cleared by hardware at the end of the 8-bit receive
data byte
0 = Receive sequence is not in progress
bit 2
PEN: Stop Condition Enable bit (I2C Master mode only)
1 = Initiates Stop condition on the SDAx and SCLx pins
0 = Stop condition is Idle
bit 1
RSEN: Restart Condition Enable bit (I2C Master mode only)
1 = Initiates Restart condition on the SDAx and SCLx pins
0 = Restart condition is Idle
bit 0
SEN: Start Condition Enable bit (I2C Master mode only)
1 = Initiates Start condition on the SDAx and SCLx pins
0 = Start condition is Idle
REGISTER 18-1:
I2CxCONL: I2Cx CONTROL REGISTER LOW (CONTINUED)
Note 1:
Automatically cleared to ‘0’ at the beginning of slave transmission; automatically cleared to ‘0’ at the end
of slave reception. The user software must provide a delay between writing to the transmit buffer and set-
ting the SCLREL bit. This delay must be greater than the minimum setup time for slave transmissions, as
specified in Section 32.0 “Electrical Characteristics”.
2:
Automatically cleared to ‘0’ at the beginning of slave transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com