Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 227 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 227 Page - Microchip Technology

Back Button D130 Datasheet HTML 223Page - Microchip Technology D130 Datasheet HTML 224Page - Microchip Technology D130 Datasheet HTML 225Page - Microchip Technology D130 Datasheet HTML 226Page - Microchip Technology D130 Datasheet HTML 227Page - Microchip Technology D130 Datasheet HTML 228Page - Microchip Technology D130 Datasheet HTML 229Page - Microchip Technology D130 Datasheet HTML 230Page - Microchip Technology D130 Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 227
PIC24FJ256GA705 FAMILY
REGISTER 18-3:
I2CxSTAT: I2Cx STATUS REGISTER
HSC/R-0
HSC/R-0
HSC/R-0
U-0
U-0
HSC/R/C-0
HSC/R-0
HSC/R-0
ACKSTAT
TRSTAT
ACKTIM
—
—
BCL
GCSTAT
ADD10
bit 15
bit 8
HS/R/C-0
HS/R/C-0
HSC/R-0
HSC/R/C-0
HSC/R/C-0
HSC/R-0
HSC/R-0
HSC/R-0
IWCOL
I2COV
D/A
PS
R/W
RBF
TBF
bit 7
bit 0
Legend:
C = Clearable bit
HS = Hardware Settable bit
‘0’ = Bit is cleared
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
HSC = Hardware Settable/Clearable bit
bit 15
ACKSTAT: Acknowledge Status bit (updated in all Master and Slave modes)
1 = Acknowledge was not received from slave
0 = Acknowledge was received from slave
bit 14
TRSTAT: Transmit Status bit (when operating as I2C master; applicable to master transmit operation)
1 = Master transmit is in progress (8 bits + ACK)
0 = Master transmit is not in progress
bit 13
ACKTIM: Acknowledge Time Status bit (valid in I2C Slave mode only)
1 = Indicates I2C bus is in an Acknowledge sequence, set on 8th falling edge of SCLx clock
0 = Not an Acknowledge sequence, cleared on 9th rising edge of SCLx clock
bit 12-11
Unimplemented: Read as ‘0’
bit 10
BCL: Bus Collision Detect bit (Master/Slave mode; cleared when I2C module is disabled, I2CEN = 0)
1 = A bus collision has been detected during a master or slave transmit operation
0 = No bus collision has been detected
bit 9
GCSTAT: General Call Status bit (cleared after Stop detection)
1 = General call address was received
0 = General call address was not received
bit 8
ADD10: 10-Bit Address Status bit (cleared after Stop detection)
1 = 10-bit address was matched
0 = 10-bit address was not matched
bit 7
IWCOL: I2Cx Write Collision Detect bit
1 = An attempt to write to the I2CxTRN register failed because the I2C module is busy; must be cleared
in software
0 = No collision
bit 6
I2COV: I2Cx Receive Overflow Flag bit
1 = A byte was received while the I2CxRCV register is still holding the previous byte; I2COV is a “don’t
care” in Transmit mode, must be cleared in software
0 = No overflow
bit 5
D/A: Data/Address bit (when operating as I2C slave)
1 = Indicates that the last byte received was data
0 = Indicates that the last byte received or transmitted was an address
bit 4
P: I2Cx Stop bit
Updated when Start, Reset or Stop is detected; cleared when the I2C module is disabled, I2CEN = 0.
1 = Indicates that a Stop bit has been detected last
0 = Stop bit was not detected last



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com