Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 240 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 240 Page - Microchip Technology

Back Button D130 Datasheet HTML 236Page - Microchip Technology D130 Datasheet HTML 237Page - Microchip Technology D130 Datasheet HTML 238Page - Microchip Technology D130 Datasheet HTML 239Page - Microchip Technology D130 Datasheet HTML 240Page - Microchip Technology D130 Datasheet HTML 241Page - Microchip Technology D130 Datasheet HTML 242Page - Microchip Technology D130 Datasheet HTML 243Page - Microchip Technology D130 Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 240
 2016-2018 Microchip Technology Inc.
20.1
Memory Addressable in Different
Modes
The memory space addressable by the device
depends on the address/data multiplexing selection; it
varies from 1K to 2 MB. Refer to Table 20-1 for different
Memory-Addressable modes.
20.2
PMDOUT1 and PMDOUT2
Registers
The EPMP Data Output 1 and Data Output 2 registers
are used only in Slave mode. These registers act as a
buffer for outgoing data.
20.3
PMDIN1 and PMDIN2 Registers
The EPMP Data Input 1 and Data Input 2 registers are
used in Slave modes to buffer incoming data. These
registers hold data that is asynchronously clocked in. In
Master mode, PMDIN1 is the holding register for
incoming data.
TABLE 20-1:
EPMP FEATURE DIFFERENCES BY DEVICE PIN COUNT
Data Port Size
PMA<9:8>
PMA<7:0>
PMD<7:4>
PMD<3:0>
Accessible Memory
Demultiplexed Address (ADRMUX<1:0> = 00)
8-Bit (PTSZ<1:0> = 00)
Addr<9:8>
Addr<7:0>
Data
1K
4-Bit (PTSZ<1:0> = 01)
Addr<9:8>
Addr<7:0>
—
Data
1K
1 Address Phase (ADRMUX<1:0> = 01)
8-Bit (PTSZ<1:0> = 00)
—
PMALL
Addr<7:0> Data
1K
4-Bit (PTSZ<1:0> = 01)
Addr<9:8>
PMALL
Addr<7:4>
Addr<3:0>
1K
—Data (1)
2 Address Phases (ADRMUX<1:0> = 10)
8-Bit (PTSZ<1:0> = 00)
—
PMALL
Addr<7:0>
64K
PMALH
Addr<15:8>
—Data
4-Bit (PTSZ<1:0> = 01)
Addr<9:8>
PMALL
Addr<3:0>
1K
PMALH
Addr<7:4>
—Data
3 Address Phases (ADRMUX<1:0> = 11)
8-Bit (PTSZ<1:0> = 00)
—
PMALL
Addr<7:0>
2 Mbytes
PMALH
Addr<15:8>
PMALU
Addr<22:16>
—Data
4-Bit (PTSZ<1:0> = 01)
Addr<13:12>
PMALL
Addr<3:0>
16K
PMALH
Addr<7:4>
PMALU
Addr<11:8>
—Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com