Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 243 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 243 Page - Microchip Technology

Back Button D130 Datasheet HTML 239Page - Microchip Technology D130 Datasheet HTML 240Page - Microchip Technology D130 Datasheet HTML 241Page - Microchip Technology D130 Datasheet HTML 242Page - Microchip Technology D130 Datasheet HTML 243Page - Microchip Technology D130 Datasheet HTML 244Page - Microchip Technology D130 Datasheet HTML 245Page - Microchip Technology D130 Datasheet HTML 246Page - Microchip Technology D130 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 243
PIC24FJ256GA705 FAMILY
REGISTER 20-2:
PMCON2: EPMP CONTROL REGISTER 2
HSC/R-0
U-0
HS/R/C-0
HS/R/C-0
U-0
U-0
U-0
U-0
BUSY
—
ERROR
TIMEOUT
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RADDR23(1) RADDR22(1) RADDR21(1) RADDR20(1) RADDR19(1) RADDR18(1) RADDR17(1) RADDR16(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
C = Clearable bit
HS = Hardware Settable bit
HSC = Hardware Settable/Clearable bit
bit 15
BUSY: Busy bit (Master mode only)
1 = Port is busy
0 = Port is not busy
bit 14
Unimplemented: Read as ‘0’
bit 13
ERROR: Error bit
1 = Transaction error (illegal transaction was requested)
0 = Transaction completed successfully
bit 12
TIMEOUT: Time-out bit
1 = Transaction timed out
0 = Transaction completed successfully
bit 11-8
Unimplemented: Read as ‘0’
bit 7-0
RADDR<23:16>: Parallel Master Port Reserved Address Space bits(1)
Note 1: If RADDR<23:16> = 00000000, then the last EDS address for Chip Select 2 will be FFFFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com