Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 269 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 269 Page - Microchip Technology

Back Button D130 Datasheet HTML 265Page - Microchip Technology D130 Datasheet HTML 266Page - Microchip Technology D130 Datasheet HTML 267Page - Microchip Technology D130 Datasheet HTML 268Page - Microchip Technology D130 Datasheet HTML 269Page - Microchip Technology D130 Datasheet HTML 270Page - Microchip Technology D130 Datasheet HTML 271Page - Microchip Technology D130 Datasheet HTML 272Page - Microchip Technology D130 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 269
PIC24FJ256GA705 FAMILY
FIGURE 21-2:
ALARM MASK SETTINGS
21.6
Power Control
The RTCC includes a power control feature that allows
the device to periodically wake-up an external device,
wait for the device to be stable before sampling wake-up
events from that device and then shut down the external
device. This can be done completely autonomously by
the RTCC, without the need to wake-up from the current
lower power mode.
To use this feature:
1.
Enable the RTCC (RTCEN = 1).
2.
Set the PWCEN bit (RTCCON1L<10>).
3.
Configure the RTCC pin to drive the PWC control
signal (RTCOE = 1 and OUTSEL<2:0> = 011).
The polarity of the PWC control signal may be chosen
using the PWCPOL bit (RTCCON1L<9>). An active-
low or active-high signal may be used with the
appropriate external switch to turn on or off the power
to one or more external devices. The active-low setting
may also be used in conjunction with an open-drain
setting on the RTCC pin, in order to drive the ground
pin(s) of the external device directly (with the appropri-
ate external VDD pull-up device), without the need for
external switches. Finally, the CHIME bit should be set
to enable the PWC periodicity.
Once the RTCC and PWC are enabled and running, the
PWC logic will generate a control output and a sample
gate output. The control output is driven out on the
RTCC pin (when RTCOE = 1 and OUTSEL<2:0> = 011)
and is used to power up or down the device, as
described above.
Once the control output is asserted, the stability
window begins, in which the external device is given
enough time to power up and provide a stable output.
Once the output is stable, the RTCC provides a sample
gate during the sample window. The use of this sample
gate depends on the external device being used, but
typically, it is used to mask out one or more wake-up
signals from the external device.
Finally, both the stability and the sample windows close
after the expiration of the sample window and the
external device is powered down.
Note 1:
Annually, except when configured for February 29.
s
ss
ms
s
mm
s
s
hh
m
m
s
s
dh
h
m
m
s
s
dd
h
h
m
m
s
s
mm
d
d
h
h
m
m
s
s
Day of
the
Week
Month
Day
Hours
Minutes
Seconds
Alarm Mask Setting
(AMASK<3:0>)
0000 - Every half second
0001 - Every second
0010 - Every 10 seconds
0011 - Every minute
0100 - Every 10 minutes
0101 - Every hour
0110 - Every day
0111 - Every week
1000 - Every month
1001 - Every year(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com