Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 272 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 272 Page - Microchip Technology

Back Button D130 Datasheet HTML 268Page - Microchip Technology D130 Datasheet HTML 269Page - Microchip Technology D130 Datasheet HTML 270Page - Microchip Technology D130 Datasheet HTML 271Page - Microchip Technology D130 Datasheet HTML 272Page - Microchip Technology D130 Datasheet HTML 273Page - Microchip Technology D130 Datasheet HTML 274Page - Microchip Technology D130 Datasheet HTML 275Page - Microchip Technology D130 Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 272
 2016-2018 Microchip Technology Inc.
22.1
User Interface
22.1.1
POLYNOMIAL INTERFACE
The CRC module can be programmed for CRC
polynomials of up to the 32nd order, using up to 32 bits.
Polynomial length, which reflects the highest exponent
in the equation, is selected by the PLEN<4:0> bits
(CRCCON2<4:0>).
The CRCXORL and CRCXORH registers control which
exponent terms are included in the equation. Setting a
particular bit includes that exponent term in the equa-
tion. Functionally, this includes an XOR operation on
the corresponding bit in the CRC engine. Clearing the
bit disables the XOR.
For example, consider two CRC polynomials, one a
16-bit and the other a 32-bit equation.
EQUATION 22-1:
16-BIT, 32-BIT CRC
POLYNOMIALS
To program these polynomials into the CRC generator,
set the register bits, as shown in Table 22-1.
Note that the appropriate positions are set to ‘1’ to indi-
cate that they are used in the equation (for example,
X26 and X23). The ‘0’ bit required by the equation is
always XORed; thus, X0 is a don’t care. For a poly-
nomial of length 32, it is assumed that the 32nd bit will
be used. Therefore, the X<31:1> bits do not have the
32nd bit.
22.1.2
DATA INTERFACE
The module incorporates a FIFO that works with a
variable data width. Input data width can be configured
to any value between 1 and 32 bits using the
DWIDTH<4:0> bits (CRCCON2<12:8>). When the
data width is greater than 15, the FIFO is 4 words deep.
When the DWIDTHx bits are between 15 and 8, the
FIFO is 8 words deep. When the DWIDTHx bits are
less than 8, the FIFO is 16 words deep.
The data for which the CRC is to be calculated must first
be written into the FIFO. Even if the data width is less than
8, the smallest data element that can be written into the
FIFO is 1 byte. For example, if the DWIDTHx bits are 5,
then the size of the data is DWIDTH<4:0> + 1 or 6. The
data is written as a whole byte; the two unused upper bits
are ignored by the module.
Once data is written into the MSb of the CRCDAT reg-
isters (that is, the MSb as defined by the data width),
the value of the VWORD<4:0> bits (CRCCON1<12:8>)
increments by one. For example, if the DWIDTHx bits
are 24, the VWORDx bits will increment when bit 7 of
CRCDATH is written. Therefore, CRCDATL must
always be written to before CRCDATH.
The CRC engine starts shifting data when the CRCGO
bit (CRCCON1<4>) is set and the value of the
VWORDx bits is greater than zero.
Each word is copied out of the FIFO into a buffer
register, which decrements the VWORDx bits. The data
is then shifted out of the buffer. The CRC engine
continues shifting at a rate of two bits per instruction
cycle, until the VWORDx bits reach zero. This means
that for a given data width, it takes half that number of
instructions for each word to complete the calculation.
For example, it takes 16 cycles to calculate the CRC for
a single word of 32-bit data.
When the VWORDx bits reach the maximum value for
the configured value of the DWIDTHx bits (4, 8 or 16),
the CRCFUL bit (CRCCON1<7>) becomes set. When
the VWORDx bits reach zero, the CRCMPT bit
(CRCCON1<6>) becomes set. The FIFO is emptied
and the VWORD<4:0> bits are set to ‘00000’ whenever
CRCEN is ‘0’.
At least one instruction cycle must pass after a write to
CRCWDAT before a read of the VWORDx bits is done.
and
X32+X26 + X23 + X22 + X16 + X12 + X11 + X10 +
X8 + X7 + X5 + X4 + X2 + X + 1
X16 + X12 + X5 + 1
TABLE 22-1:
CRC SETUP EXAMPLES FOR 16 AND 32-BIT POLYNOMIALS
CRC Control Bits
Bit Values
16-Bit Polynomial
32-Bit Polynomial
PLEN<4:0>
01111
11111
X<31:16>
0000 0000 0000 0001
0000 0100 1100 0001
X<15:1>
0001 0000 0010 000
0001 1101 1011 011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com