Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 277 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 277 Page - Microchip Technology

Back Button D130 Datasheet HTML 273Page - Microchip Technology D130 Datasheet HTML 274Page - Microchip Technology D130 Datasheet HTML 275Page - Microchip Technology D130 Datasheet HTML 276Page - Microchip Technology D130 Datasheet HTML 277Page - Microchip Technology D130 Datasheet HTML 278Page - Microchip Technology D130 Datasheet HTML 279Page - Microchip Technology D130 Datasheet HTML 280Page - Microchip Technology D130 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 277
PIC24FJ256GA705 FAMILY
23.0 CONFIGURABLE LOGIC CELL
(CLC) GENERATOR
The Configurable Logic Cell (CLC) module allows the
user to specify combinations of signals as inputs to a
logic function and to use the logic output to control
other peripherals or I/O pins. This provides greater
flexibility and potential in embedded designs, since the
CLC module can operate outside the limitations of
software execution and supports a vast amount of
output designs.
There are four input gates to the selected logic func-
tion. These four input gates select from a pool of up to
32 signals that are selected using four data source
selection multiplexers. Figure 23-1 shows an overview
of the module. Figure 23-3 shows the details of the data
source multiplexers and logic input gate connections.
FIGURE 23-1:
CLCx MODULE
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “Configurable Logic Cell (CLC)”
(DS70005298), which is available from the
Microchip website (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
Gate 1
Gate 2
Gate 3
Gate 4
Logic
Function
CLCx
LCOE
Logic
LCPOL
MODE<2:0>
CLCx
CLCIN[0]
CLCIN[1]
CLCIN[2]
CLCIN[3]
CLCIN[4]
CLCIN[5]
CLCIN[6]
CLCIN[7]
CLCIN[8]
CLCIN[9]
CLCIN[10]
CLCIN[11]
CLCIN[12]
CLCIN[13]
CLCIN[14]
CLCIN[15]
TRISx Control
Interrupt
det
INTP
INTN
LCEN
CLCxIF
Sets
Flag
Note:
All register bits shown in this figure can be found in the CLCxCONL register.
Output
Output
CLCIN[16]
CLCIN[17]
CLCIN[18]
CLCIN[19]
CLCIN[20]
CLCIN[21]
CLCIN[22]
CLCIN[23]
CLCIN[24]
CLCIN[25]
CLCIN[26]
CLCIN[27]
CLCIN[28]
CLCIN[29]
CLCIN[30]
CLCIN[31]
See Figure 23-2
See Figure 23-3
Interrupt
det



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com