Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 280 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 280 Page - Microchip Technology

Back Button D130 Datasheet HTML 276Page - Microchip Technology D130 Datasheet HTML 277Page - Microchip Technology D130 Datasheet HTML 278Page - Microchip Technology D130 Datasheet HTML 279Page - Microchip Technology D130 Datasheet HTML 280Page - Microchip Technology D130 Datasheet HTML 281Page - Microchip Technology D130 Datasheet HTML 282Page - Microchip Technology D130 Datasheet HTML 283Page - Microchip Technology D130 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 280
 2016-2018 Microchip Technology Inc.
23.1
Control Registers
The CLCx module is controlled by the following registers:
•CLCxCONL
•CLCxCONH
• CLCxSEL
•CLCxGLSL
•CLCxGLSH
The
CLCx
Control
registers
(CLCxCONL
and
CLCxCONH) are used to enable the module and inter-
rupts, control the output enable bit, select output polarity
and select the logic function. The CLCx Control registers
also allow the user to control the logic polarity of not only
the cell output, but also some intermediate variables.
The CLCx Input MUX Select register (CLCxSEL)
allows the user to select up to four data input sources
using the four data input selection multiplexers. Each
multiplexer has a list of eight data sources available.
The CLCx Gate Logic Input Select registers (CLCxGLSL
and CLCxGLSH) allow the user to select which outputs
from each of the selection MUXes are used as inputs to
the input gates of the logic cell. Each data source MUX
outputs both a true and a negated version of its output.
All of these eight signals are enabled, ORed together by
the logic cell input gates.
REGISTER 23-1:
CLCxCONL: CLCx CONTROL REGISTER (LOW)
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
U-0
U-0
LCEN
—
—
—
INTP
INTN
—
—
bit 15
bit 8
R/W-0
R-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
LCOE
LCOUT
LCPOL
—
—
MODE2
MODE1
MODE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
LCEN: CLCx Enable bit
1 = CLCx is enabled and mixing input signals
0 = CLCx is disabled and has logic zero outputs
bit 14-12
Unimplemented: Read as ‘0’
bit 11
INTP: CLCx Positive Edge Interrupt Enable bit
1 = Interrupt will be generated when a rising edge occurs on LCOUT
0 = Interrupt will not be generated
bit 10
INTN: CLCx Negative Edge Interrupt Enable bit
1 = Interrupt will be generated when a falling edge occurs on LCOUT
0 = Interrupt will not be generated
bit 9-8
Unimplemented: Read as ‘0’
bit 7
LCOE: CLCx Port Enable bit
1 = CLCx port pin output is enabled
0 = CLCx port pin output is disabled
bit 6
LCOUT: CLCx Data Output Status bit
1 = CLCx output high
0 = CLCx output low
bit 5
LCPOL: CLCx Output Polarity Control bit
1 = The output of the module is inverted
0 = The output of the module is not inverted
bit 4-3
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com