Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 292 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 292 Page - Microchip Technology

Back Button D130 Datasheet HTML 288Page - Microchip Technology D130 Datasheet HTML 289Page - Microchip Technology D130 Datasheet HTML 290Page - Microchip Technology D130 Datasheet HTML 291Page - Microchip Technology D130 Datasheet HTML 292Page - Microchip Technology D130 Datasheet HTML 293Page - Microchip Technology D130 Datasheet HTML 294Page - Microchip Technology D130 Datasheet HTML 295Page - Microchip Technology D130 Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 292
 2016-2018 Microchip Technology Inc.
FIGURE 24-2:
EXAMPLE OF BUFFER ADDRESS GENERATION IN PIA MODE
(4-WORD BUFFERS PER CHANNEL)
Data RAM
Destination
A/D Module
(PIA Mode)
BBA
DMA Channel
DMADSTn
nn (0-3)
1000h (DMA Base Address)
Range
Channel
ccccc (0-31)
000 cccc cnn0 (IA)
1000h
DMABL<2:0> = 010
(Four Words Per Input)
1008h
1010h
1018h
10F8h
1100h
Ch 0 Buffer (4 Words)
Ch 1 Buffer (4 Words)
Ch 2 Buffer (4 Words)
Ch 3 Buffer (4 Words)
Ch 27 Buffer (4 Words)
Ch 29 Buffer (4 Words)
Ch 31 Buffer (4 Words)
10F0h
(Buffer Base Address)
1000h
1002h
1004h
1006h
Ch 0, Word 0
Ch 0, Word 1
Ch 0, Word 2
Ch 0, Word 3
Ch 1, Word 0
Ch 1, Word 1
Ch 1, Word 2
Ch 1, Word 3
1008h
100Ah
100Ch
100Eh
0001 0000 0000 0000
0001 0000 0000 0010
0001 0000 0000 0100
0001 0000 0000 0110
0001 0000 0000 1000
0001 0000 0000 1010
0001 0000 0000 1100
0001 0000 0000 1110
DMA Base Address
Address Mask
Channel Address
Buffer Address
1038h
1040h
Ch 7 Buffer (4 Words)
Ch 8 Buffer (4 Words)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com