Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 295 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 295 Page - Microchip Technology

Back Button D130 Datasheet HTML 291Page - Microchip Technology D130 Datasheet HTML 292Page - Microchip Technology D130 Datasheet HTML 293Page - Microchip Technology D130 Datasheet HTML 294Page - Microchip Technology D130 Datasheet HTML 295Page - Microchip Technology D130 Datasheet HTML 296Page - Microchip Technology D130 Datasheet HTML 297Page - Microchip Technology D130 Datasheet HTML 298Page - Microchip Technology D130 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 295
PIC24FJ256GA705 FAMILY
REGISTER 24-2:
AD1CON2: A/D CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
r-0
R/W-0
R/W-0
U-0
U-0
PVCFG1
PVCFG0
NVCFG0
—
BUFREGEN
CSCNA
—
—
bit 15
bit 8
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUFS
SMPI4
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
PVCFG<1:0>: A/D Converter Positive Voltage Reference Configuration bits
1x = Unimplemented, do not use
01 =External VREF+
00 =AVDD
bit 13
NVCFG0: A/D Converter Negative Voltage Reference Configuration bit
1 = External VREF-
0 = AVSS
bit 12
Reserved: Maintain as ‘0’
bit 11
BUFREGEN: A/D Buffer Register Enable bit
1 = Conversion result is loaded into the buffer location determined by the converted channel
0 = A/D result buffer is treated as a FIFO
bit 10
CSCNA: Scan Input Selections for CH0+ During Sample A bit
1 = Scans inputs
0 = Does not scan inputs
bit 9-8
Unimplemented: Read as ‘0’
bit 7
BUFS: Buffer Fill Status bit
When DMAEN = 1 and DMABM = 1:
1 = A/D is currently filling the destination buffer from [buffer start + (buffer size/2)] to
[buffer start + (buffer size – 1)]. User should access data located from [buffer start] to
[buffer start + (buffer size/2) – 1].
0 = A/D is currently filling the destination buffer from [buffer start] to [buffer start + (buffer size/2) – 1].
User should access data located from [buffer start + (buffer size/2)] to [buffer start + (buffer size – 1)].
When DMAEN = 0:
1 = A/D is currently filling ADC1BUF13-ADC1BUF25, user should access data in
ADC1BUF0-ADC1BUF12
0 = A/D is currently filling ADC1BUF0-ADC1BUF12, user should access data in
ADC1BUF13-ADC1BUF25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com