Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 297 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 297 Page - Microchip Technology

Back Button D130 Datasheet HTML 293Page - Microchip Technology D130 Datasheet HTML 294Page - Microchip Technology D130 Datasheet HTML 295Page - Microchip Technology D130 Datasheet HTML 296Page - Microchip Technology D130 Datasheet HTML 297Page - Microchip Technology D130 Datasheet HTML 298Page - Microchip Technology D130 Datasheet HTML 299Page - Microchip Technology D130 Datasheet HTML 300Page - Microchip Technology D130 Datasheet HTML 301Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 297
PIC24FJ256GA705 FAMILY
REGISTER 24-3:
AD1CON3: A/D CONTROL REGISTER 3
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADRC(1)
EXTSAM
PUMPEN(2)
SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADRC: A/D Conversion Clock Source bit(1)
1 = Dedicated ADC RC clock generator (4 MHz nominal).
0 = Clock derived from system clock
bit 14
EXTSAM: Extended Sampling Time bit
1 = A/D is still sampling after SAMP = 0
0 = A/D is finished sampling
bit 13
PUMPEN: Charge Pump Enable bit(2)
1 = Charge pump for switches is enabled
0 = Charge pump for switches is disabled
bit 12-8
SAMC<4:0>: Auto-Sample Time Select bits
11111 = 31 TAD
•
•
•
00001 = 1 TAD
00000 = 0 TAD
bit 7-0
ADCS<7:0>: A/D Conversion Clock Select bits
11111111 = 256 • TCY = TAD
•
•
•
00000001 = 2 • TCY = TAD
00000000 = TCY =TAD
Note 1:
Selecting the internal ADC RC clock requires that ADCSx be one or greater. Setting ADCSx = 0 when
ADRC = 1 will violate the TAD (min) specification.
2:
The user should enable the charge pump if AVDD is < 2.7 V. Longer sample times are required due to the
increase of the internal resistance of the MUX if the charge pump is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com