Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 301 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 301 Page - Microchip Technology

Back Button D130 Datasheet HTML 297Page - Microchip Technology D130 Datasheet HTML 298Page - Microchip Technology D130 Datasheet HTML 299Page - Microchip Technology D130 Datasheet HTML 300Page - Microchip Technology D130 Datasheet HTML 301Page - Microchip Technology D130 Datasheet HTML 302Page - Microchip Technology D130 Datasheet HTML 303Page - Microchip Technology D130 Datasheet HTML 304Page - Microchip Technology D130 Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 301
PIC24FJ256GA705 FAMILY
REGISTER 24-7:
ANCFG: A/D BAND GAP REFERENCE CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
VBGEN3(1)
VBGEN2(1)
VBGEN1(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-3
Unimplemented: Read as ‘0’
bit 2
VBGEN3: A/D Band Gap Reference Enable bit(1)
1 = Band gap reference is enabled
0 = Band gap reference is disabled
bit 1
VBGEN2: CTMU and Comparator Band Gap Reference Enable bit(1)
1 = Band gap reference is enabled
0 = Band gap reference is disabled
bit 0
VBGEN1: VREG, BOR, HLVD, FRC, NVM and A/D Boost Band Gap Reference Enable bit(1)
1 = Band gap reference is enabled
0 = Band gap reference is disabled
Note 1:
When a module requests a band gap reference voltage, that reference will be enabled automatically after
a brief start-up time. The user can manually enable the band gap references using the ANCFG register
before enabling the module requesting the band gap reference to avoid this start-up time (~1 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com