Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 372 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 372 Page - Microchip Technology

Back Button D130 Datasheet HTML 368Page - Microchip Technology D130 Datasheet HTML 369Page - Microchip Technology D130 Datasheet HTML 370Page - Microchip Technology D130 Datasheet HTML 371Page - Microchip Technology D130 Datasheet HTML 372Page - Microchip Technology D130 Datasheet HTML 373Page - Microchip Technology D130 Datasheet HTML 374Page - Microchip Technology D130 Datasheet HTML 375Page - Microchip Technology D130 Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 372
 2016-2018 Microchip Technology Inc.
FIGURE 32-3:
EXTERNAL CLOCK TIMING
TABLE 32-18: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10
FOSC
External CLKI Frequency
(External clocks allowed
only in EC mode)
DC
4
—
—
32
48
MHz
MHz
EC
ECPLL (Note 2)
Oscillator Frequency
3.5
4
10
12
31
—
—
—
—
—
10
8
32
24
33
MHz
MHz
MHz
MHz
kHz
XT
XTPLL
HS
HSPLL
SOSC
OS20
TOSC
TOSC = 1/FOSC
—
—
—
—
See Parameter OS10 for
FOSC value
OS25
TCY
Instruction Cycle Time(3)
62.5
—
DC
ns
OS30
TosL,
TosH
External Clock in (OSCI)
High or Low Time
0.45 x TOSC
——
ns
EC
OS31
TosR,
TosF
External Clock in (OSCI)
Rise or Fall Time
—
—
20
ns
EC
OS40
TckR
CLKO Rise Time(4)
—15
30
ns
OS41
TckF
CLKO Fall Time(4)
—15
30
ns
Note 1: Data in the “Typ” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design guidance
only and are not tested.
2: Represents input to the system clock prescaler. PLL dividers and postscalers must still be configured so
that the system clock frequency does not exceed the maximum frequency shown in Figure 32-1.
3: Instruction cycle period (TCY) equals two times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type, under standard operating conditions, with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “Min” values with an
external clock applied to the OSCI/CLKI pin. When an external clock input is used, the “Max” cycle time limit
is “DC” (no clock) for all devices.
4: Measurements are taken in EC mode. The CLKO signal is measured on the OSCO pin. CLKO is low for the
Q1-Q2 period (1/2 TCY) and high for the Q3-Q4 period (1/2 TCY).
OSCI
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31
Q1
Q2
Q3
Q4
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com