Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 376 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 376 Page - Microchip Technology

Back Button D130 Datasheet HTML 372Page - Microchip Technology D130 Datasheet HTML 373Page - Microchip Technology D130 Datasheet HTML 374Page - Microchip Technology D130 Datasheet HTML 375Page - Microchip Technology D130 Datasheet HTML 376Page - Microchip Technology D130 Datasheet HTML 377Page - Microchip Technology D130 Datasheet HTML 378Page - Microchip Technology D130 Datasheet HTML 379Page - Microchip Technology D130 Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 376
 2016-2018 Microchip Technology Inc.
TABLE 32-24: A/D MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of:
VDD – 0.3
or 2.2
—
Lesser of:
VDD + 0.3
or 3.6
V
AD02
AVSS
Module VSS Supply
VSS – 0.3
—
VSS + 0.3
V
Reference Inputs
AD05
VREFH
Reference Voltage High
AVSS + 1.7
—
AVDD
V
AD06
VREFL
Reference Voltage Low
AVSS
—AVDD – 1.7
V
AD07
VREF
Absolute Reference
Voltage
AVSS – 0.3
—
AVDD + 0.3
V
Analog Inputs
AD10
VINH-VINL Full-Scale Input Span
VREFL
—VREFH
V
(Note 2)
AD11
VIN
Absolute Input Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD12
VINL
Absolute VINL Input
Voltage
AVSS – 0.3
—
AVDD/3
V
AD13
Leakage Current
—
±1.0
±610
nA
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V,
Source Impedance = 2.5 k
AD17
RIN
Recommended
Impedance of Analog
Voltage Source
——
2.5k
10-bit
A/D Accuracy
AD20B Nr
Resolution
—
12
—
bits
AD21B INL
Integral Nonlinearity
—
±1
< ±2
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD22B DNL
Differential Nonlinearity
—
—
< ±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD23B GERR
Gain Error
—
±1
±4
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD24B EOFF
Offset Error
—
±1
±2
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD25B
Monotonicity(1)
—
—
—
—
Guaranteed
Note 1: The A/D conversion result never decreases with an increase in the input voltage.
2: Measurements are taken with the external VREF+ and VREF- used as the A/D voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com