Electronic Components Datasheet Search
  English  ▼

X  

D130 Datasheet(PDF) 377 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 377 Page - Microchip Technology

Back Button D130 Datasheet HTML 373Page - Microchip Technology D130 Datasheet HTML 374Page - Microchip Technology D130 Datasheet HTML 375Page - Microchip Technology D130 Datasheet HTML 376Page - Microchip Technology D130 Datasheet HTML 377Page - Microchip Technology D130 Datasheet HTML 378Page - Microchip Technology D130 Datasheet HTML 379Page - Microchip Technology D130 Datasheet HTML 380Page - Microchip Technology D130 Datasheet HTML 381Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 377
PIC24FJ256GA705 FAMILY
TABLE 32-25: A/D CONVERSION TIMING REQUIREMENTS(1)
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Clock Parameters
AD50
TAD
A/D Clock Period
278
—
—
ns
AD51
tRC
A/D Internal RC Oscillator
Period
—
250
—
ns
Conversion Rate
AD55
tCONV
SAR Conversion Time,
12-Bit Mode
—14
—
TAD
AD55A
SAR Conversion Time,
10-Bit Mode is Typical
12 TAD
—12
—
TAD
AD56
FCNV
Throughput Rate
—
—
200
ksps
AVDD > 2.7V(2)
AD57
tSAMP
Sample Time
—
1
—
TAD
Clock Synchronization
AD61
tPSS
Sample Start Delay from
Setting Sample bit (SAMP)
1.5
—
2.5
TAD
Note 1: Because the sample caps will eventually lose charge, clock rates below 10 kHz can affect linearity
performance, especially at elevated temperatures.
2: Throughput rate is based on AD55 + AD57 + AD61 and the period of TAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com