Electronic Components Datasheet Search
  English  ▼

X  

IP100A Datasheet(PDF) 12 Page - Pulse A Technitrol Company

Part # IP100A
Description  LAN DISCRETE TRANSFORMER MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

IP100A Datasheet(HTML) 12 Page - Pulse A Technitrol Company

Back Button IP100A Datasheet HTML 4Page - Pulse A Technitrol Company IP100A Datasheet HTML 5Page - Pulse A Technitrol Company IP100A Datasheet HTML 6Page - Pulse A Technitrol Company IP100A Datasheet HTML 7Page - Pulse A Technitrol Company IP100A Datasheet HTML 8Page - Pulse A Technitrol Company IP100A Datasheet HTML 9Page - Pulse A Technitrol Company IP100A Datasheet HTML 10Page - Pulse A Technitrol Company IP100A Datasheet HTML 11Page - Pulse A Technitrol Company IP100A Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
NOTE: ICs are in groups. Each group works with all adjacent Pulse parts.
*L/W/H is measured on surface mount parts tip to tip (height includes wash area).
Speed
IC Manufacturer/
Pulse
Ports
Configuration
1
Turns Ratio
2
Package
Data
IC Part Number
Part No.
Supported
TX
RX
TX
RX
Style
3
L/W/H (in)*
Sheet
ATM NETWORK COMPONENTS
155 ATM
National / 83223
PE-68517L
Single Port
C, T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.000 / .510 / .370
H303
MicroLinear / ML6674
PE-68515L
Single Port
T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.000 / .510 / .370
H303
PMC Sierra / PM5350
H1019
Single Port
C, T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.000 / .510 / .230
H303
H1012
Single Port
T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.000 / .510 / .230
H303
H1027
Dual Port
C, T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.125 / .640 / .230
H322
H1028
Dual Port
T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.125 / .640 / .230
H322
H1049
Dual Port
T, C, S
C, T
1CT:1CT
1CT:1CT
SMT
1.125 / .640 / .230
H322
H1036L
Quad Port
T, C
C, T
1CT:1
1CT:1CT
SMT
1.125 / .640 / .230
H316
H1044
Quad Port
T, C
C, T
1CT:1
1CT:1CT
SMT
1.125 / .640 / .230
H316
1. Configuration: T = Transformer, C = Choke, S = Shunt Inductor
2. Turns Ratio is referenced chip side to media side.
3. Package Style:
SMT– Surface Mount Package
LAN ATM IC CROSS REFERENCE
38
www.pulseeng.com
G003.U (2/07)
LAN ATM IC Cross Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com