Electronic Components Datasheet Search
  English  ▼

X  

MS250 Datasheet(PDF) 1 Page - Astec America, Inc

Part # MS250
Description  250 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

MS250 Datasheet(HTML) 1 Page - Astec America, Inc

  MS250 Datasheet HTML 1Page - Astec America, Inc MS250 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
164
Special Features
Electrical Specs
250 Watts
HELIOS
MiniPack 250
• 250W Output
• Fixed DC Output Voltage: (-54.4 VDC)
• Convection Cooled
• Power Factor Correction
• Current Sharing of up to three units
mountable on 19” or 23” brackets
• Soft Switching Technology
• Full Output Power at Full Temperature Range
• AC Connection through IEC Type Connector
• 2 DC power connections for load and/or
battery strings
• 2 Alarm LED’s at front - RFA alarm, AC Fail
• Compact Size (2.48" inches High x 5.23" wide x
11.85" deep)
Input
AC Input
Voltage Range
110 Vrms (86 - 132)
Frequency
50-60 Hz (45-65 Hz)
Efficiency
>86%
Power Factor
0.99 for > 50% rated output current
Total Harmonic
Distortion
<5% for >50% rated output current
Output
DC Output
Voltage Range
-54.5 VDC +/- 0.5%
Maximum
Output Power
250 W (4.6 ADC @ -54.5 VDC)
Voltage Regulation
± 0.5%
Dynamic Response
± 0.5%
Protection and/or
Disconnect
Internal DC Fuse
Parallel Operation
± 10% of rated current between
rectifiers
Power Limit
102.5% ± 2.5% of rated power
Capacitor Precharge
Automatic upon insertion of
rectifier
Hold-up Time
Vout remains >42 V for 30 msec
Voice Frequency Noise
<55 dB rnC
High Frequency Noise
(wideband)
<100 mVrms
250 Watt 48VDC Compact Power Solution
EMC/EMI: FCC Class B, part 15, subpart B, and
Bellcore 1089
ESD: TR-NWT-001089, 15 kV no damage, 2 kV no
disturbance
Temperature and Humidity: -40°C to +50°C (up
to +65°C with sufficient air flow)
Acoustic Noise: <55 dB with ‘A’ weighting
Cooling: Natural Convection
Shock and Vibration: TR-NWT-000063
Fire Resistance: All materials UL 94-VO
Environmental
UL 1950
IEC 950
CSA C22.2 # 950
Safety
TM


Similar Part No. - MS250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS250 ETC1-MS250 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Diotec Semiconductor
MS250 DIOTEC-MS250 Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers Si-Br짰kengleichrichter f짰 die Oberfl짰henmontage
MS250 DIOTEC-MS250 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Bel Fuse Inc.
MS250 BEL-MS250 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS250 BEL-MS250 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
More results

Similar Description - MS250

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
250 Watts
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
250-2600 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
250 Watts
logo
Artesyn Technologies
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
250 Watts
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
250 Watts
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
250 Watts
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com