Electronic Components Datasheet Search
  English  ▼

X  

AM2849 Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2849
Description  One Channel H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2849 Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2849 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AM2849
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.9
- 6 -
Application:
IN_A
IN_B
M
220
μF
0.1uF
OUT_A
IN_A
VCC
GND
IN_B
OUT_A
OUT_B
OUT_B
1
2
3
4
8
7
6
5
C1
C2
0.1
μF
C4
Circuit Descriptions
1.
C1、C2: Power supply VCC pin capacitor:
a.
The capacitor can reduce the power spike when the motor is in motion. To avoid the IC directly
damaged by the VCC peak voltage. It also can stabilize the power supply voltage and reduce its
ripples.
b.
The C1 capacitor can compensate power when motor starts running.
c.
The capacitor value (uF) determines the stability of the VCC during motor in motion. If the large
voltage power or a heavy loading motor is used, then a larger capacitor would be needed.
d.
On the PCB configuration, the C1、C2 must be mounted as close as possible to VCC pin .
2.
C4: The across-motor capacitor
a.
The C4 capacitors can reduce the power spike when motor is running. 0.1μF capacitor is
recommended.
b.
The C4 capacitor must be added to the general application.
3.
It’s not allowed INA, INB input remain floating status, because there is a minor leakage current between
P-N junction when temperature rising, the leakage current will go through internal pull- low resistor
which causes INA or INB floating level abnormal pull high and output abnormal working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com